Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NMW1F-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R3-NMW1F-R
Description  Remote I/O R3 Series MODBUS INTERFACE MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NMW1F-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R3-NMW1F-R Datasheet HTML 1Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 6Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 7Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 8Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MODEL: R3-NMW1F
R3-NMW1F SPECIFICATIONS
ES-8286 Rev.1 Page 1/12
http://www.m-system.co.jp/
Remote I/O R3 Series
MODBUS INTERFACE MODULE
(Modbus Wired Communication, Modbus-RTU Transparent
900 MHz Band Devices Use)
154
(6.06)
280
(11.02)
mm (inch)
27.5 (1.08)
MODEL: R3–NMW1F-[1][2]
ORDERING INFORMATION
• Code number: R3-NMW1F-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R3-NMW1F-N/E/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] POWER INPUT
N: No power supply
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)*
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.) *
* Not selectable for use with independent power modules or
network modules with the internal power input options.
[2] OPTIONS (multiple selections)
Antenna
/S: Sleeve antenna
/E: Rooftop antenna
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
FUNCTIONS & FEATURES
• Equipped with 900 MHz band wireless device
• Uses Modbus-RTU protocol wired com. as main network,
and monitors I/O signal with wireless
• Available to use wireless device as main network
• Wireless deive incorporates a module conforming to FCC
part 15, and can be used within the United States only.
• Modbus-RTU gateway function available, outputs data
received with wireless to wired network
RELATED PRODUCTS
For the details of the wireless device related products,
please refer to M-system website.
• PC configurator software (model: R3CON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
Maintenance software
Maintenance console: MH920 Console for International
(model: MH920CI) (OKI)
(Maintenance software is downloadable at M-System’s web
site.)
Coaxial cable
• 7.5 m extension cable for rooftop antenna (model: CX-
SAC0SAD0Q0750) (OKI)
PACKAGE INCLUDES...
• Terminating resistor (110 Ω, 0.25 W)
GENERAL SPECIFICATIONS
Connection
Wireless network: SMA coaxial connector
Wired network: Tension clamp terminal (Front Twin
connection)
Applicable wire size: 0.2 - 1.5 mm2, stripped length: 10 mm
Internal bus: Via the Installation Base (model: R3-BSx)
Internal power: Via the Installation Base (model: R3-BSx)
Power input, RUN contact output: M3 separable screw
terminal (torque 0.5 N·m)
Maintenance: Mini USB type B female connector
Screw terminal: Nickel-plated steel
Isolation: Modbus to internal bus or internal power or


Similar Part No. - R3-NMW1F-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-NM1 MSYSTEM-R3-NM1 Datasheet
221Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM1-K3 MSYSTEM-R3-NM1-K3 Datasheet
221Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM1-K3/CE MSYSTEM-R3-NM1-K3/CE Datasheet
221Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM1-K3/Q MSYSTEM-R3-NM1-K3/Q Datasheet
221Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM1-L3 MSYSTEM-R3-NM1-L3 Datasheet
221Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
More results

Similar Description - R3-NMW1F-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-GM1 MSYSTEM-R3-GM1 Datasheet
204Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM4 MSYSTEM-R3-NM4 Datasheet
220Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM3 MSYSTEM-R3-NM3 Datasheet
221Kb / 7P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NM1 MSYSTEM-R3-NM1 Datasheet
221Kb / 8P
Remote I/O R3 Series MODBUS INTERFACE MODULE
R3-NL2 MSYSTEM-R3-NL2 Datasheet
187Kb / 6P
Remote I/O R3 Series LonWorks INTERFACE MODULE
R3-NL1 MSYSTEM-R3-NL1 Datasheet
152Kb / 5P
Remote I/O R3 Series LonWorks INTERFACE MODULE
R3-ND3 MSYSTEM-R3-ND3 Datasheet
173Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
Remote I/O R3 Series INTERFACE I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com