Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NMW1F-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R3-NMW1F-R
Description  Remote I/O R3 Series MODBUS INTERFACE MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NMW1F-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R3-NMW1F-R Datasheet HTML 1Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 6Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 7Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 8Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MODEL: R3-NMW1F
R3-NMW1F SPECIFICATIONS
ES-8286 Rev.1 Page 2/12
http://www.m-system.co.jp/
antenna connector to power supply to RUN contact output
to FE1
■Configuration
Slot assignment: Set with the side DIP switch
Main/Sub setting: Set with the side DIP switch
Input error data: Input value setting, hold or clear, at input
module error with side DIP SW
Operation mode: Output switchable from host in duplex
communication with the side DIP SW
LED indication: Set with the side DIP
■Indicator LEDs
RUN indicator: Bi-color (red/green) LED
Green ON in normal communication; Red ON when receiving
data (Function selected with DIP SW)
ERR indicator: Bi-color (red/green) LED
Green ON or blinks at communication error (ON when
abnormal data receiving or communication setting error
(approx. 0.1 sec.))
Red ON at transmitting data (Function selected with DIP
SW)
■ RUN CONTACT OUTPUT
RUN contact: ON when RUN indicator is green (Modbus in
normal communication)
Rated load: 250 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 0.5 A (resistive load)
Maximum switching voltage: 250 V AC or 30 V DC
Maximum switching power: 125 VA AC or 15 W DC
Minimum load: 1 V DC @ 1 mA
Mechanical life: 2 × 107 cycles (300 cycles/min.)
When driving an inductive load, external contact protection
and noise quenching recommended.
MODBUS COMMUNICATION
Standard: Conforms to TIA/EIA-485-A
Transmission distance: 500 meters max.
Transmission media: Shielded twisted-pair cable
(CPEV-S 0.9 dia.)
Max. no. of connections at once: 31 (Gateway funcion in
use)
Transmission configuration: Multidrop (Gateway funcion in
use)
WIRELESS SPECIFICATIONS
Communication Standard: IEEE802.15.4g
Frequency: 900 MHz band (902 - 928 MHz)
Max. Tx power: 20 mW
Bandwidth: 400 kHz
Modulation: GFSK
Baud rate: Max. 100 kbps
Channel: 1 - 43ch
Security: 128 bit AES
Indicator LEDs: 920Run, 920Link
Protocol: Modbus-RTU
Communication module: Router module incorporated (OKI)
Antenna
• Sleeve antenna (model:MH920-NODE-ANT(S))
Indoor
Non-waterproof
Nondirectional
Gain: 3dBi max.
• Rooftop antenna (model:MH920-NODE-ANT(R))
Outdoor/indoor
Cable length: 2.5 m
Waterproof performance: IPx6 (except connector)
Nondirectional
Gain: 3dBi max.
INSTALLATION
Power consumption
•AC:
Approx. 15 VA at 100 V AC (approx. 20 VA when 400 mA for
10 minutes)
Approx. 20 VA at 200 V AC (approx. 26 VA when 400 mA for
10 minutes)
Approx. 21.5 VA at 240 V AC (approx. 28 VA when 400 mA
for 10 minutes)
•DC: Approx. 8.5 W (24 V DC)
(400 mA/ approx. 13.0 W for 10 minutes (24 V DC))
Current consumption (no power supply): ≤ 100 mA
Output current (power supply): 250 mA continuous at 20 V
DC; 400 mA for 10 minutes
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R3-BSx)
Weight
Unit (with power supply): Approx. 240 g (0.53 lb)
Unit (without power supply): Approx. 190 g (0.42 lb)
Sleeve antenna: 27 g (0.95 oz)
Rooftop antenna: 52 g (1.83 oz)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (Modbus to
internal bus or internal power or antenna connector to
power input to RUN contact output to FE1)
STANDARDS & APPROVALS
Module conforming to FCC Part 15 incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com