Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3-NMW1F-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R3-NMW1F-R
Description  Remote I/O R3 Series MODBUS INTERFACE MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-NMW1F-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

Back Button R3-NMW1F-R Datasheet HTML 2Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 3Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 4Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 5Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 6Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 7Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 8Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 9Page - M-System Co.,Ltd. R3-NMW1F-R Datasheet HTML 10Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MODEL: R3-NMW1F
R3-NMW1F SPECIFICATIONS
ES-8286 Rev.1 Page 6/12
http://www.m-system.co.jp/
MODBUS I/O ASSIGNMENT
ADDRESS
DATA FORMAT
NAME
Coil (0X)
1 – 1024
Digital Output (discrete output)
1025
Main / Sub Switching Command (valid only with SW3-3 set to ON)
Inputs (1X)
1 – 1024
Digital Input (discrete input)
1025 – 1040
Module Status
1041 – 1056
Error Status
1057 – 1072
Data Error Status
Input Registers (3X)
1 – 256
I
Analog Input
257 – 768
F
Analog Input
Holding Registers (4X)
1 – 256
I
Analog Output
257 – 768
F
Analog Output
I : Integer, 0 – 10000 (0 – 100%)
F : Floating (32-bit data cannot be accessed using oating addresses.)
Note: DO NOT access addresses other than mentioned above. Such access may cause problems such as inadequate operation.
• Module Status indicates whether individual I/O modules are mounted or not. The bit corresponding to the mounted slot
turns to “1”, and the unmounted slot to “0”.
• Error Status indicates error status for each module as described below. The bit corresponding to such module turns to “1”.
R3-TSx, R3-RSx, R3-US4: Input burnout
R3-DA16A: Power input in error or disconnected
R3-YSx: Output current error (e.g. load unconnected)
R3-PC16A: External power supply in error or disconnected
• Data Error Status indicates overrange (R3-US4: out of -10% to +110%; the other types: out of -15% to +115%) status for
each module. The bit corresponding to such module turns to “1”.
• Main / Sub Switching Commands given to the network modules result as follows:
MAIN’ MODULE
‘SUB’ MODULE
OUTPUT MODE
1
0
Main bus is used; Red LED turns on at RUN LED of the I/O modules.
0
1
Sub bus is used; Green LED turns on at RUN LED of the I/O modules.
1
1
Main bus is used; Amber LED turns on at RUN LED of the I/O modules.
0
0
Output is invalid; RUN LED of the I/O modules turns off.
• Writing to Coil (0X) and Holding Registers (4X) is only available with either Wireless or Modbus communication. It is available
to change the con guration with Con gurator Software (model: R3CON). Factory default setting is Modbus communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com