Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB211 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB211
Description  TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB211 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB211 Datasheet HTML 1Page - Texas Instruments TUSB211 Datasheet HTML 2Page - Texas Instruments TUSB211 Datasheet HTML 3Page - Texas Instruments TUSB211 Datasheet HTML 4Page - Texas Instruments TUSB211 Datasheet HTML 5Page - Texas Instruments TUSB211 Datasheet HTML 6Page - Texas Instruments TUSB211 Datasheet HTML 7Page - Texas Instruments TUSB211 Datasheet HTML 8Page - Texas Instruments TUSB211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
1 Features
• Wide supply voltage range: 2.3 - 6.5 V
• Ultra-low USB disconnect and shutdown power
consumption
• Provides USB 2.0 high-speed signal conditioning
• Compatible with USB 2.0, OTG 2.0 and BC 1.2
• Support for low-speed, full-speed, high-speed
signaling
• Integrated BC 1.2 Charging Downstream
Port (CDP) and Dedicated Charging Port
(DCP) controllers that dynamically changes per
DCP/CDP pin
• Host/Device agnostic
• Supports up to 5-m cable length
– Four selectable signal boost (edge boost along
with DC boost) settings via external pull-down
resistor values
– Three selectable RX equalization settings via
pull-up-or-down to compensate ISI jitter for
high-loss applications
• Supports up to 10-m cable length with two
TUSB217A devices
• Scalable solution - devices can be daisy chained
for high loss applications
• RWB is pin compatible with TUSB211/212/214/216
2 Applications
• Laptop, desktop/docking stations
• Portable electronics
• Tablets
• Cell phones
• Televisions
• Active cable, cable extenders, backplane
3 Description
The TUSB217A is a third-generation USB 2.0 high-
speed signal conditioner designed to compensate
both AC loss (due to capacitive load) and DC loss
(due to resistive loss) in the transmission channel.
The TUSB217A leverages a patented design to
speed-up transition edges of USB 2.0 high-speed
signal with an edge booster and increases static
levels with a DC boost function. In addition, the
TUSB217A includes a pre-equalization function to
improve the receiver sensitivity and compensate the
inter-symbol interference (ISI) jitter in application
with longer cable length. USB low-speed and full-
speed signal characteristics are unaffected by the
TUSB217A.
The TUSB217A improves signal quality without
altering packet timing or adding propagation delay or
latency.
The TUSB217A helps a system to pass the USB 2.0
high-speed near end eye compliance with a cable as
long as 5 meters.
The TUSB217A is compatible with the USB On-The-
Go (OTG) and battery charging (BC 1.2) protocols.
The Integrated BC 1.2 battery charging controller can
be enabled via a control pin.
Device Information
PART
NUMBER
PACKAGE
OP TEMP (TA)
°C
BODY SIZE
(NOM)
TUSB217A
X2QFN
(12RWB)
0 to 70
1.60 mm x 1.60
mm
TUSB217AI
X2QFN
(12RWB)
-40 to 85
1.60 mm x 1.60
mm
D2
D1
Cable
USB
Connector
VCC
2.3 ± 6.5V
GND
USB
Host
Simplified Schematic
TUSB217A
SLLSFK5 – JUNE 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB211 TI1-TUSB211 Datasheet
1Mb / 21P
Qualified for Automotive Applications
TUSB211 TI2-TUSB211 Datasheet
595Kb / 20P
TUSB211 USB 2.0 High Speed Signal Conditioner
REVISED OCTOBER 2017
TUSB211-Q1 TI1-TUSB211-Q1 Datasheet
1Mb / 21P
Qualified for Automotive Applications
TUSB211A TI-TUSB211A Datasheet
2Mb / 24P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
TUSB211A TI-TUSB211A Datasheet
2Mb / 25P
TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
SEPTEMBER 2023
More results

Similar Description - TUSB211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB212 TI1-TUSB212 Datasheet
833Kb / 21P
USB 2.0 High Speed Signal Conditioner
TUSB213 TI1-TUSB213 Datasheet
839Kb / 22P
USB 2.0 High Speed Signal Conditioner
TUSB214 TI1-TUSB214 Datasheet
836Kb / 23P
USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB214-Q1 TI1-TUSB214-Q1 Datasheet
857Kb / 23P
USB 2.0 High Speed Signal Conditioner with BC1.2 CDP
TUSB215 TI1-TUSB215 Datasheet
844Kb / 23P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB212 TI1-TUSB212_17 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB212-Q1 TI1-TUSB212-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB213-Q1 TI1-TUSB213-Q1 Datasheet
1Mb / 27P
USB 2.0 High Speed Signal Conditioner
TUSB215-Q1 TI1-TUSB215-Q1 Datasheet
929Kb / 26P
USB 2.0 High Speed Signal Conditioner with USB BC1.2 CDP
TUSB217A-Q1 TI-TUSB217A-Q1 Datasheet
3Mb / 33P
TUSB217A-Q1 USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com