Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB211 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB211
Description  TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB211 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB211 Datasheet HTML 9Page - Texas Instruments TUSB211 Datasheet HTML 10Page - Texas Instruments TUSB211 Datasheet HTML 11Page - Texas Instruments TUSB211 Datasheet HTML 12Page - Texas Instruments TUSB211 Datasheet HTML 13Page - Texas Instruments TUSB211 Datasheet HTML 14Page - Texas Instruments TUSB211 Datasheet HTML 15Page - Texas Instruments TUSB211 Datasheet HTML 16Page - Texas Instruments TUSB211 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Figure 8-2. CONFIGURATION Register
7
6
5
4
3
2
1
0
RESERVED
CFG_ACTIVE
RH/W-X
RH/W-0x1
Table 8-6. CONFIGURATION Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
RH/W
X
These bits are reserved bits and set by hardware at reset.
When this register is modified the software should first read these
reserved bits and rewrite with the same values
0
CFG_ACTIVE
RH/W
0x1
Configuration mode
After reset, if I2C mode is true (SCL and SDA are both pulled high)
set the bit to get into configuration mode and clear to return to
normal mode.
0x0 = NORMAL MODE
0x1 = CONFIGURATION MODE
8.5.3 DC_BOOST Register (Offset = 0xE) [reset = X]
DC_BOOST is shown in Figure 8-3 and described in Table 8-7.
Return to Summary Table.
This register is setting DC BOOST level.
Figure 8-3. DC_BOOST Register
7
6
5
4
3
2
1
0
RESERVED
DCB_LVL
RH/W-X
RH/W-X
Table 8-7. DC_BOOST Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
RH/W
X
These bits are reserved bits and set by hardware at reset.
When this register is modified the software should first read these
reserved bits and rewrite with the same values
3-0
DCB_LVL
RH/W
X
XXXXb (sampled at startup from BOOST pin)
0000b to 1111b range
0x0 = BOOST PIN LEVEL 0 (lowest dc boost setting)
0x2 = BOOST PIN LEVEL 1 and 2
0x6 = BOOST PIN LEVEL 3
0xF = (highest dc boost setting)
8.5.4 RX_SEN Register (Offset = 0x25) [reset = X]
RX_SEN is shown in Figure 8-4 and described in Table 8-8.
Return to Summary Table.
This register is setting RX Sensitivity level.
www.ti.com
TUSB217A
SLLSFK5 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TUSB217A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com