Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB211 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB211
Description  TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB211 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB211 Datasheet HTML 6Page - Texas Instruments TUSB211 Datasheet HTML 7Page - Texas Instruments TUSB211 Datasheet HTML 8Page - Texas Instruments TUSB211 Datasheet HTML 9Page - Texas Instruments TUSB211 Datasheet HTML 10Page - Texas Instruments TUSB211 Datasheet HTML 11Page - Texas Instruments TUSB211 Datasheet HTML 12Page - Texas Instruments TUSB211 Datasheet HTML 13Page - Texas Instruments TUSB211 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
8 Detailed Description
8.1 Overview
The TUSB217A is a USB High-Speed (HS) signal conditioner designed to compensate for ISI signal loss in a
transmission channel. TUSB217A has a patented design for USB Low Speed (LS) and Full Speed (FS) signals.
It does not alter the signal characteristics. HS signals are compensated. The design is compatible with USB
On-The-Go (OTG) and Battery Charging (BC) specifications.
Programmable signal gain through an external resistor permits fine tuning device performance to optimize
signals. This helps pass USB HS electrical compliance tests at the connector. Additional RX sensitivity, tuned by
external pull-up resistor and pull-down resistor, allows to overcome attenuation in cables. The TUSB217A allows
application in series to cover longer distances, or high loss transmission paths. A maximum of 4 devices can be
daisy-chained.
8.2 Functional Block Diagram
USB
TRANSCEIVER
High Speed
Compensation
USB
CONNECTOR
Low and Full
Speed Bypass
Status flags
OPTIONAL
PLD
ESD
PROTECTION
D2P
D2M
D1P
D1M
CD
ENA_HS
Copyright © 2018, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 High-speed Boost
The high-speed booster (combination of edge boost and DC boost) improves the eye width for USB2.0 high-
speed signals. It is direction independent and by that is compatible to OTG systems. The BOOST pin is
configuring the booster strength with different values of pull down resistors to set 4 levels of boosts, alternatively
the boost level can be set via I2C register according to Section 8.4.6. Internal circuitry of the signal conditioner
reduces possible overshoot.
8.3.2 RX Sensitivity
The RX_SEN pin is a tri-level pin. It is used to set the equalization gain of the device according to system
channel inter-symbol interference (ISI) loss. RX equalization can be increased to compensate for the higher ISI
loss of the channel for example due to a long cable.
8.4 Device Functional Modes
8.4.1 Low-speed (LS) Mode
TUSB217A automatically detects a LS connection and does not enable signal compensation. CD pin is asserted
high but ENA_HS will be low.
8.4.2 Full-speed (FS) Mode
TUSB217A automatically detects a FS connection and does not enable signal compensation. CD pin is asserted
high but ENA_HS will be low
8.4.3 High-speed (HS) Mode
TUSB217A automatically detects a HS connection and will enable signal compensation as determined by the
configuration of the RX_SEN pin and the external pull down resistance on its BOOST pin.
CD pin and ENA_HS pin are asserted high when high-speed boost is active.
TUSB217A
SLLSFK5 – JUNE 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB217A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com