Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB211 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB211
Description  TUSB217A USB 2.0 High-Speed Signal Conditioner With DCP and CDP Controllers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB211 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB211 Datasheet HTML 12Page - Texas Instruments TUSB211 Datasheet HTML 13Page - Texas Instruments TUSB211 Datasheet HTML 14Page - Texas Instruments TUSB211 Datasheet HTML 15Page - Texas Instruments TUSB211 Datasheet HTML 16Page - Texas Instruments TUSB211 Datasheet HTML 17Page - Texas Instruments TUSB211 Datasheet HTML 18Page - Texas Instruments TUSB211 Datasheet HTML 19Page - Texas Instruments TUSB211 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
100 nF
R
BOOST
Supply
+3.3V or +5 V
1uF
(op onal)
100 nF
Vcc
R
RXSEN1
R
RXSEN2
USB
Host or Hub
CON_D2P
CON_D2N
USB_D1P
USB_D1N
Copyright © 2021, Texas Instruments Incorporated
RSTZ
BOOST
D2P
D2M
RX_SEN/ENA_HS
GND
DCP/
CDP
VCC
D1M
D1P
Ferrite Bead
100 @100MHz
Connect
D1P and D2P
Connect
D1M and D2M
75 k
+/-
10 k
-1%
Downstream VBUS needs to
be toggled to change charging
mode adver sement
Upstream VBUS (5V+/-10%)
indica ng Host/Hub State
Upstream VBUS Low -> DCP
Upstream VBUS High -> CDP
VBUS
TPS2024
OUT
VBUS Supply
+5 V
IN
SN74AHC1G86
VCC
EN
Y
22 k
μF
A
B
22 μF 0.1 μF
VBUS TOGGLE
CIRCUIT
+3.3V
5 k
+/-1%
TLV1701
V-
V+
Figure 9-1. TUSB217A : A Reference Schematic (Design Example with DCP/CDP dynamic switching).
Downstream VBUS needs to be toggled if upstream VBUS state changes for BC 1.2 controller to change
DCP/CDP advertisement.
TUSB217A
SLLSFK5 – JUNE 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB217A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com