Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC862 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC862
Description  Dual Ultra-Low Power Op Amp in SOT-23-8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC862 Datasheet(HTML) 5 Page - Microchip Technology

  MIC862 Datasheet HTML 1Page - Microchip Technology MIC862 Datasheet HTML 2Page - Microchip Technology MIC862 Datasheet HTML 3Page - Microchip Technology MIC862 Datasheet HTML 4Page - Microchip Technology MIC862 Datasheet HTML 5Page - Microchip Technology MIC862 Datasheet HTML 6Page - Microchip Technology MIC862 Datasheet HTML 7Page - Microchip Technology MIC862 Datasheet HTML 8Page - Microchip Technology MIC862 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
 2017 Microchip Technology Inc.
DS20005836A-page 5
MIC862
TABLE 1-2:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
V+ = +2.7V, V– = 0V, VCM = V+/2; RL = 500 kΩ to V+/2; –40°C ≤ TA ≤ +85°C unless
otherwise noted.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Input Offset Voltage
VOS
–6
0.1
6
mV
–5
0.1
5
TA = +25°C
Differential Offset
Voltage
—0.5
mV
Input Offset Voltage
Temperature
Coefficient
—6
µV/°C
Input Bias Current
IB
—10
pA
Input Offset Current
IOS
—5
pA
Input Voltage
Range (from V–)
VCM
1
1.8
V
CMRR > 60 dB
Common-Mode
Rejection Ratio
CMRR
65
83
dB
0V < VCM < 1.35V
Power Supply
Rejection Ratio
PSRR
60
85
dB
Supply voltage change of 2.7V to
3V
Large-Signal
Voltage Gain
AVOL
65
77
dB
RL = 5 kΩ, VOUT = 2 VPP
80
90
RL = 100 kΩ, VOUT = 2 VPP
90
101
RL = 500 kΩ, VOUT = 2 VPP
Gain-Bandwidth
Product
GBW
2.3
MHz
RL = 20 kΩ, CL = 2 pF, AV = 11
Phase Margin
PM
50
°
RL = 20 kΩ, CL = 2 pF, AV = 11
–3 dB Bandwidth
BW
4.2
MHz
RL = 1 MΩ, CL = 2 pF, AV = 1
Slew Rate
SR
3
V/µs
RL = 1 MΩ, CL = 2 pF, AV = 1,
Positive Slew Rate = 1.5 V/µs
Short-Circuit Output
Current
ISC
4.5
6.3
mA
Source
4.5
6.2
Sink
Supply Current (per
Op Amp)
IS
28
45
µA
No Load
Channel-to-
Channel Crosstalk
–120
dB
Note 1
Note 1:
DC signal referenced to input. Refer to the Typical Performance Curves section’s AC performance graphs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com