Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC862 Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC862
Description  Dual Ultra-Low Power Op Amp in SOT-23-8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC862 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC862 Datasheet HTML 12Page - Microchip Technology MIC862 Datasheet HTML 13Page - Microchip Technology MIC862 Datasheet HTML 14Page - Microchip Technology MIC862 Datasheet HTML 15Page - Microchip Technology MIC862 Datasheet HTML 16Page - Microchip Technology MIC862 Datasheet HTML 17Page - Microchip Technology MIC862 Datasheet HTML 18Page - Microchip Technology MIC862 Datasheet HTML 19Page - Microchip Technology MIC862 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
MIC862
DS20005836A-page 16
 2017 Microchip Technology Inc.
4.0
APPLICATION INFORMATION
4.1
Power Supply Bypassing
Regular
supply
bypassing
techniques
are
recommended. A 10 μF capacitor in parallel with a
0.1 μF capacitor on both the positive and negative
supplies are ideal. For best performance all bypassing
capacitors should be located as close to the op amp as
possible and all capacitors should be low ESL
(equivalent series inductance), ESR (equivalent series
resistance). Surface-mount ceramic capacitors are
ideal.
4.2
Supply and Loading Resistive
Considerations
The MIC862 is intended for single-supply applications
configured with a grounded load. It is not advisable to
operate the MIC862 under either of the following
conditions:
• A grounded load and split supplies (±V)
• A single supply where the load is terminated
above ground.
Under the above conditions, if the load is less than
20 kΩ and the output swing is greater than 1V (peak),
there may be some instability when the output is
sinking current.
4.3
Capacitive Load
When driving a large capacitive load, a resistor of 500Ω
is recommended to be connected between the op amp
output and the capacitive load to avoid oscillation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com