Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC862 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC862
Description  Dual Ultra-Low Power Op Amp in SOT-23-8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC862 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC862 Datasheet HTML 7Page - Microchip Technology MIC862 Datasheet HTML 8Page - Microchip Technology MIC862 Datasheet HTML 9Page - Microchip Technology MIC862 Datasheet HTML 10Page - Microchip Technology MIC862 Datasheet HTML 11Page - Microchip Technology MIC862 Datasheet HTML 12Page - Microchip Technology MIC862 Datasheet HTML 13Page - Microchip Technology MIC862 Datasheet HTML 14Page - Microchip Technology MIC862 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
 2017 Microchip Technology Inc.
DS20005836A-page 11
MIC862
FIGURE 2-19:
Gain Bandwidth and Phase
Margin.
FIGURE 2-20:
PSRR vs. Frequency.
FIGURE 2-21:
Small Signal Response.
FIGURE 2-22:
PSRR vs. Frequency.
FIGURE 2-23:
Channel-to-Channel
Crosstalk.
FIGURE 2-24:
Small Signal Response.
TIME 500ns/div
T
U
P
N
I
v
i
d
/
V
m
0
5
T
U
P
T
U
O
v
i
d
/
V
m
0
5
AV = 1
V± = ±1.35V
C
L = 1.7pF
R
L
TIME 500ns/div
T
U
P
N
I
v
i
d
/
V
m
0
5
T
U
P
T
U
O
v
i
d
/
V
m
0
5
AV = 1
V± = ±2.5V
C
L = 1.7pF
R
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com