Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC862 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC862
Description  Dual Ultra-Low Power Op Amp in SOT-23-8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC862 Datasheet(HTML) 1 Page - Microchip Technology

  MIC862 Datasheet HTML 1Page - Microchip Technology MIC862 Datasheet HTML 2Page - Microchip Technology MIC862 Datasheet HTML 3Page - Microchip Technology MIC862 Datasheet HTML 4Page - Microchip Technology MIC862 Datasheet HTML 5Page - Microchip Technology MIC862 Datasheet HTML 6Page - Microchip Technology MIC862 Datasheet HTML 7Page - Microchip Technology MIC862 Datasheet HTML 8Page - Microchip Technology MIC862 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2017 Microchip Technology Inc.
DS20005836A-page 1
MIC862
Features
• 8-Pin SOT-23 Package
• 3 MHz Gain-Bandwidth Product
• 5 MHz, –3 dB Bandwidth
• 31 µA Supply Current
• Rail-to-Rail Output
• Ground Sensing at Input
(Common-Mode-to-GND)
• Drives Large Capacitive Loads
• Unity Gain Stable
Applications
• Portable Equipment
• Medical Instruments
•PDAs
• Pagers
• Cordless Phones
• Consumer Electronics
General Description
The MIC862 is a dual low-power operational amplifier
in an SOT23-8 package. It is designed to operate in the
2V to 5V range, rail-to-rail output, with input
common-mode to ground. The MIC862 provides
3 MHz gain-bandwidth product while consuming only
31 µA supply current per channel.
With low supply voltage and 8-lead SOT-23 packaging,
MIC862 provides two channels as general-purpose
amplifiers
for
portable
and
battery-powered
applications. Its package provides the maximum
performance available while maintaining an extremely
slim form factor. The minimal power consumption of
this IC maximizes the battery life potential.
Package Type
MIC862
8-Pin SOT-23 (M8)
1
OUTA
INA–
INA+
V–
8V+
OUTB
INB–
INB+
7
6
5
2
3
4
Dual Ultra-Low Power Op Amp in SOT-23-8


Similar Part No. - MIC862

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC862 MICREL-MIC862 Datasheet
322Kb / 12P
DUAL ULTRA LOW POWER OP AMP IN SOT 23-8
MIC862 MICREL-MIC862 Datasheet
1Mb / 14P
Dual Ultra-Low-Power Op Amp in SOT23-8
MIC862BM8 MICREL-MIC862BM8 Datasheet
322Kb / 12P
DUAL ULTRA LOW POWER OP AMP IN SOT 23-8
MIC862BM8 MICREL-MIC862BM8 Datasheet
2Mb / 12P
Dual Ultra Low Power Op Amp in SOT23-8
MIC862TYM8 MICREL-MIC862TYM8 Datasheet
1Mb / 14P
Dual Ultra-Low-Power Op Amp in SOT23-8
More results

Similar Description - MIC862

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC914 MICREL-MIC914 Datasheet
201Kb / 12P
160MHz Low-Power SOT-23-5 Op Amp
MIC862 MICREL-MIC862 Datasheet
322Kb / 12P
DUAL ULTRA LOW POWER OP AMP IN SOT 23-8
MIC863 MICREL-MIC863 Datasheet
1Mb / 16P
Dual Ultra Low Power Op Amp in SOT23-8
MIC862 MICREL-MIC862_06 Datasheet
2Mb / 12P
Dual Ultra Low Power Op Amp in SOT23-8
MIC863 MICREL-MIC863_11 Datasheet
1Mb / 16P
Dual Ultra Low Power Op Amp in SOT23-8
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
135MHz, Low-Power SOT-23-5 Op Amp
MIC863 MICREL-MIC863_14 Datasheet
2Mb / 17P
Duaal Ultra-Low Power Op Amp in SOT-23-8
MIC862 MICREL-MIC862_14 Datasheet
1Mb / 14P
Dual Ultra-Low-Power Op Amp in SOT23-8
logo
Microchip Technology
MIC863 MICROCHIP-MIC863 Datasheet
3Mb / 26P
Dual Ultra-Low Power Op Amp in SOT-23-8
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com