Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC863 Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC863
Description  Dual Ultra-Low Power Op Amp in SOT-23-8
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC863 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC863 Datasheet HTML 14Page - Microchip Technology MIC863 Datasheet HTML 15Page - Microchip Technology MIC863 Datasheet HTML 16Page - Microchip Technology MIC863 Datasheet HTML 17Page - Microchip Technology MIC863 Datasheet HTML 18Page - Microchip Technology MIC863 Datasheet HTML 19Page - Microchip Technology MIC863 Datasheet HTML 20Page - Microchip Technology MIC863 Datasheet HTML 21Page - Microchip Technology MIC863 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
MIC863
DS20006308A-page 18
 2020 Microchip Technology Inc.
4.0
APPLICATION INFORMATION
Regular
supply
bypassing
techniques
are
recommended. A 10 μF capacitor in parallel with a
0.1 μF capacitor on both the positive and negative
supplies are ideal. For best performance all bypassing
capacitors should be located as close to the op amp as
possible and all capacitors should be low equivalent
series inductance (ESL), equivalent series resistance
(ESR). Surface-mount ceramic capacitors are ideal.
The MIC863 is intended for single-supply applications
configured with a grounded load. It is not advisable to
operate the MIC863 under either of the following
conditions when the load is less than 20 kΩ and the
output swing is greater than 1V (peak-to-peak):
• A grounded load and split supplies (±V)
• A single supply where the load is terminated
above ground.
Under the conditions listed above, there may be some
instability when the output is sinking current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com