Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC863 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC863
Description  Dual Ultra-Low Power Op Amp in SOT-23-8
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC863 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC863 Datasheet HTML 10Page - Microchip Technology MIC863 Datasheet HTML 11Page - Microchip Technology MIC863 Datasheet HTML 12Page - Microchip Technology MIC863 Datasheet HTML 13Page - Microchip Technology MIC863 Datasheet HTML 14Page - Microchip Technology MIC863 Datasheet HTML 15Page - Microchip Technology MIC863 Datasheet HTML 16Page - Microchip Technology MIC863 Datasheet HTML 17Page - Microchip Technology MIC863 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
TIME 10μs/div
A
V = 1
V+ = +1.35V
V- = -1.35V
C
L = 100pF
R
L = 1M
MIC863
DS20006308A-page 14
 2020 Microchip Technology Inc.
FIGURE 2-37:
Small Signal Pulse
Response (Test Circuit A: AV = 1, CL = 100 pF).
TIME 10μs/div
A
V = 1
V+ = +2.5V
V- = -2.5V
C
L = 100pF
R
L = 1M
FIGURE 2-38:
Small Signal Pulse
Response (Test Circuit A: AV = 1, CL = 100 pF).
TIME 10μs/div
A
V = 1
V+ = +1.5V
V- = -0.5V
C
L = 2pF
R
L = 1M
FIGURE 2-39:
Small Signal Pulse
Response (Test Circuit A: AV = 1, CL = 2 pF).
TIME 10μs/div
A
V = -1
V+ = +1.35V
V- = -1.35V
C
L = 2pF
R
F = 20k
R
L = 1M
FIGURE 2-40:
Small Signal Pulse
Response (Test Circuit B: AV = –1, CL = 2 pF).
TIME 10μs/div
A
V = -1
V+ = +2.5V
V- = -2.5V
C
L = 2pF
R
F = 20k
R
L = 1M
FIGURE 2-41:
Small Signal Pulse
Response (Test Circuit B: AV = –1, CL = 2 pF).
TIME 10μs/div
A
V = -1
V+ = +1.35V
V- = -1.35V
C
L = 50pF
R
F = 20k
R
L = 1M
FIGURE 2-42:
Small Signal Pulse
Response (Test Circuit B: AV = –1, CL = 50 pF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com