Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC863 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC863
Description  Dual Ultra-Low Power Op Amp in SOT-23-8
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC863 Datasheet(HTML) 1 Page - Microchip Technology

  MIC863 Datasheet HTML 1Page - Microchip Technology MIC863 Datasheet HTML 2Page - Microchip Technology MIC863 Datasheet HTML 3Page - Microchip Technology MIC863 Datasheet HTML 4Page - Microchip Technology MIC863 Datasheet HTML 5Page - Microchip Technology MIC863 Datasheet HTML 6Page - Microchip Technology MIC863 Datasheet HTML 7Page - Microchip Technology MIC863 Datasheet HTML 8Page - Microchip Technology MIC863 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2020 Microchip Technology Inc.
DS20006308A-page 1
MIC863
Features
• 8-Pin SOT-23 Package
• 450 kHz Gain-Bandwidth Product
• 800 kHz, –3 dB Bandwidth
• 4.2 μA Supply Current/Channel
• Rail-to-Rail Output
• Ground Sensing at Input
(Common-Mode-to-GND)
• Drives Large Capacitive Loads (0.02 μF)
• Unity Gain Stable
Applications
• Portable Equipment
• Medical Instrument
• PDAs
• Pagers
• Cordless Phones
• Consumer Electronics
General Description
The MIC863 is a dual low-power operational amplifier
in a SOT-23-8 package. It is designed to operate in the
2V to 5V range, rail-to-rail output, with input
common-mode to ground. The MIC863 provides
450 kHz gain-bandwidth product while consuming only
a 4.2 μA supply current
With low supply voltage and 8-pin SOT-23 packaging,
MIC863 provides two channels as general-purpose
amplifiers
for
portable
and
battery-powered
applications. Its package provides the maximum
performance available while maintaining an extremely
slim form factor. The minimal power consumption of
this IC maximizes the battery life potential.
Package Type
1
OUTA
INA–
INA+
V–
8V+
OUTB
INB–
INB+
7
6
5
2
3
4
MIC863
8-Lead SOT-23 (M8)
Dual Ultra-Low Power Op Amp in SOT-23-8


Similar Part No. - MIC863

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC863 MICREL-MIC863 Datasheet
1Mb / 16P
Dual Ultra Low Power Op Amp in SOT23-8
MIC863 MICREL-MIC863 Datasheet
1Mb / 16P
Dual Ultra Low Power Op Amp in SOT23-8
MIC863 MICREL-MIC863 Datasheet
2Mb / 17P
Duaal Ultra-Low Power Op Amp in SOT-23-8
MIC863BM5 MICREL-MIC863BM5 Datasheet
1Mb / 16P
Dual Ultra Low Power Op Amp in SOT23-8
MIC863BM8 MICREL-MIC863BM8 Datasheet
1Mb / 16P
Dual Ultra Low Power Op Amp in SOT23-8
More results

Similar Description - MIC863

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
135MHz Low-Power SOT-23-5 Op Amp
MIC914 MICREL-MIC914 Datasheet
201Kb / 12P
160MHz Low-Power SOT-23-5 Op Amp
MIC862 MICREL-MIC862 Datasheet
322Kb / 12P
DUAL ULTRA LOW POWER OP AMP IN SOT 23-8
MIC863 MICREL-MIC863 Datasheet
1Mb / 16P
Dual Ultra Low Power Op Amp in SOT23-8
MIC862 MICREL-MIC862_06 Datasheet
2Mb / 12P
Dual Ultra Low Power Op Amp in SOT23-8
MIC863 MICREL-MIC863_11 Datasheet
1Mb / 16P
Dual Ultra Low Power Op Amp in SOT23-8
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
135MHz, Low-Power SOT-23-5 Op Amp
MIC863 MICREL-MIC863_14 Datasheet
2Mb / 17P
Duaal Ultra-Low Power Op Amp in SOT-23-8
MIC862 MICREL-MIC862_14 Datasheet
1Mb / 14P
Dual Ultra-Low-Power Op Amp in SOT23-8
logo
Microchip Technology
MIC862 MICROCHIP-MIC862 Datasheet
968Kb / 24P
Dual Ultra-Low Power Op Amp in SOT-23-8
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com