Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC863 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC863
Description  Dual Ultra-Low Power Op Amp in SOT-23-8
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC863 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC863 Datasheet HTML 18Page - Microchip Technology MIC863 Datasheet HTML 19Page - Microchip Technology MIC863 Datasheet HTML 20Page - Microchip Technology MIC863 Datasheet HTML 21Page - Microchip Technology MIC863 Datasheet HTML 22Page - Microchip Technology MIC863 Datasheet HTML 23Page - Microchip Technology MIC863 Datasheet HTML 24Page - Microchip Technology MIC863 Datasheet HTML 25Page - Microchip Technology MIC863 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
 2020 Microchip Technology Inc.
DS20006308A-page 23
MIC863
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
MIC863YM8-TR:
Dual Ultra-Low Power Op
Amp –40°C to +85°C
Junction Temperature
Range, 8-Lead SOT-23
Package, 3,000/Reel
Device:
MIC863:
Dual Ultra-Low Power Op Amp
Temperature:
Y
=
–40°C to +85°C
Package:
M8 =
8-Lead SOT-23
Media Type:
TR =
3,000/Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
PART NO.
X
XX
-XX
Device
Temperature
Package
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com