Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-ND2/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R5-ND2/Q
Description  Remote I/O R5 Series DeviceNet INTERFACE MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-ND2/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R5-ND2/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5-ND2/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5-ND2/Q Datasheet HTML 3Page - M-System Co.,Ltd. R5-ND2/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: R5-ND2
R5-ND2 SPECIFICATIONS
ES-6131 Rev.7 Page 3/4
http://www.m-system.co.jp/
•Status Flag
FLG:
Communication status data. When the module is unmounted, the module type is not correct, or when communi-
cation errors occur frequently, the corresponding bit turns to "1."
0
15
"0"
"0"
"0"
Internal Communication Failure
No I/O Module Found
Internal Communication Delay
"0"
Memory Failure
Internal Communication Counter
(Every Internal Communication Cycle Adds +1)
0
15
Module 1
Module 2
Module 3
Module 8
ERR:
Analog input modules check high/low limits and ADC. When there is an error in one or more channels, the bit
corresponding to the channels turns to "1." The bit corresponding to unmounted channels turns to "1."
DC current output modules check output wire breakdown to alert as an error. The bit corresponding to the
channels turns to "1."
Among the two bits assigned for each module, the least significant bit is used for channel 1 of a two-channel
analog module or for a discrete module.
I/O DATA DESCRIPTIONS
The data allocations for typical I/O modules are shown below.
Refer to the manual for each module for detailed data allocations.
■ANALOG 16 BITS DATA
0 to 100% of the selected I/O range is converted into 0 to 10000 (binary).
With °C or Kelvin temperature unit, raw data is multiplied by 10. For example, 25.5°C is converted into 255.
With °F temperature unit, the integer section of raw data is directly converted into the data. For example, 135.4°F is
converted into 135.
Negative values are represented in 2’s complements.
0
15
■ 16-POINT DISCRETE DATA
0
15
Input 1 (Output 1)
Input 2 (Output 2)
Input 3 (Output 3)
:
:
Input 16 (Output 16)
0 : OFF
1 : ON



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com