Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-ND2/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R5-ND2/Q
Description  Remote I/O R5 Series DeviceNet INTERFACE MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-ND2/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R5-ND2/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5-ND2/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5-ND2/Q Datasheet HTML 3Page - M-System Co.,Ltd. R5-ND2/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: R5-ND2
R5-ND2 SPECIFICATIONS
ES-6131 Rev.7 Page 1/4
http://www.m-system.co.jp/
Remote I/O R5 Series
DeviceNet INTERFACE MODULE
(for 32-point analog signals)
18 (.71)
90
(3.54)
mm (inch)
90
(3.54)
MODEL: R5-ND2[1]
ORDERING INFORMATION
• Code number: R5-ND2[1]
Specify a code from below for [1].
(e.g. R5-ND2/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• PC configurator software (model: R5CON)
• EDS file
The EDS file and configurator software are downloadable at
M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
DeviceNet: Euro type connector terminal
(Applicable wire size: 0.2 – 2.5 mm2 (AWG 24 to 12),
stripped length 7 mm)
Internal bus: Via the Installation Base (model: R5-BS)
Internal power: Via the base (model: R5-BS)
Isolation: DeviceNet to internal bus or internal power
Data allocation: Fixed to Mode 2
DeviceNet COMMUNICATION
Transmission cable: Approved for DeviceNet
Node address setting: DIP switch; 00 – 63
Baud rate: 125 kbps, 250 kbps, 500 kbps DIP switch
NS (Network Status) indicator: Bi-color (green/red) LED
indicates status of the communication link.
MS (Module Status) indicator: Bi-color (green/red) LED
indicates device status.
Data allocation: 32 words for input data 35 words for output
data
INSTALLATION
Supply voltage to network: 11 – 25 V DC supplied through
the network terminal block
Supply current to network: 50 mA max.
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base (model: R5-BS)
Weight: 100 g (3.53 oz)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute (DeviceNet to
internal bus or internal power)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581


Similar Part No. - R5-ND2/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5-ND1 MSYSTEM-R5-ND1 Datasheet
169Kb / 6P
Remote I/O R5 Series DeviceNet INTERFACE MODULE
R5-ND1/Q MSYSTEM-R5-ND1/Q Datasheet
169Kb / 6P
Remote I/O R5 Series DeviceNet INTERFACE MODULE
More results

Similar Description - R5-ND2/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R3-GD1 MSYSTEM-R3-GD1 Datasheet
146Kb / 5P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-ND3 MSYSTEM-R3-ND3 Datasheet
173Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-ND2 MSYSTEM-R3-ND2 Datasheet
173Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R3-ND1 MSYSTEM-R3-ND1 Datasheet
171Kb / 7P
Remote I/O R3 Series DeviceNet INTERFACE MODULE
R5-NP1 MSYSTEM-R5-NP1 Datasheet
158Kb / 5P
Remote I/O R5 Series PROFIBUS-DP INTERFACE MODULE
R5-NM1 MSYSTEM-R5-NM1 Datasheet
216Kb / 7P
Remote I/O R5 Series MODBUS INTERFACE MODULE
R5-NF1 MSYSTEM-R5-NF1 Datasheet
154Kb / 6P
Remote I/O R5 Series T-Link INTERFACE MODULE
R5-NE1 MSYSTEM-R5-NE1 Datasheet
223Kb / 6P
Remote I/O R5 Series ETHERNET INTERFACE MODULE
R5-ND1 MSYSTEM-R5-ND1 Datasheet
169Kb / 6P
Remote I/O R5 Series DeviceNet INTERFACE MODULE
R5-NC1 MSYSTEM-R5-NC1 Datasheet
161Kb / 6P
Remote I/O R5 Series CC-Link INTERFACE MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com