Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-ND2/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R5-ND2/Q
Description  Remote I/O R5 Series DeviceNet INTERFACE MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-ND2/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R5-ND2/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5-ND2/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5-ND2/Q Datasheet HTML 3Page - M-System Co.,Ltd. R5-ND2/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: R5-ND2
R5-ND2 SPECIFICATIONS
ES-6131 Rev.7 Page 4/4
http://www.m-system.co.jp/
■ 4-POINT DISCRETE DATA
0
15
Input 1 (Output 1)
Input 2 (Output 2)
Input 3 (Output 3)
Input 4 (Output 4)
Not Used (Remains “0”)
0 : OFF
1 : ON
EXTERNAL DIMENSIONS unit: mm (inch)
90 (3.54)
LOCKING CLAMP
POSITIONING GUIDE
18 (.71)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
INTERNAL POWER
INTERNAL BUS
DIP SW
DIP SW
LED
V+
CAN_H
Drain
CAN_L
V–
To Other
DeviceNet
Devices
CONFIGURATION JACK
Isolation
Control
Circuit
Communication
Circuit
JACK
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com