Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5-ND2/Q Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R5-ND2/Q
Description  Remote I/O R5 Series DeviceNet INTERFACE MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R5-ND2/Q Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R5-ND2/Q Datasheet HTML 1Page - M-System Co.,Ltd. R5-ND2/Q Datasheet HTML 2Page - M-System Co.,Ltd. R5-ND2/Q Datasheet HTML 3Page - M-System Co.,Ltd. R5-ND2/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: R5-ND2
R5-ND2 SPECIFICATIONS
ES-6131 Rev.7 Page 2/4
http://www.m-system.co.jp/
EXTERNAL VIEW
MS Indicator LED
NS Indicator LED
Configuration Jack
Euro Type Connector
Terminals
2
1
3
4
5
6
7
8
ON
Node
Address
Setting
Baud Rate
Setting
1 2 3 4 5 6 7 8
Node Address & Baud Rate
Data Allocation
■ SIDE VIEW
■ FRONT VIEW
TRANSMISSION DATA DESCRIPTIONS
The DIP SW located at the side of the module must be turned OFF.
Data Allogcation Mode 2 is used for the R5-ND2. In this mode, two (2) words are assigned for one I/O module regardless of
whether the second word area is required or not. For example, discrete I/O modules require only one (1) word, but two (2)
words are automatically assigned to these modules.
■ I/O CAPACITY
A maximum of 16 I/O modules can be mounted per node.
DATA ALLOCATION MODE 2
•Output Data
The figure below shows the allocation of the data sent from
the network module to the master.
•Input Data
The figure below shows the allocation of the data sent from
the master to the network module.
0
15
+0 Module 1+0
Module 1+1
+2 Module 2+0
Module 2+1
+4 Module 3+0
Module 3+1
+6 Module 4+0
Module 4+1
+8 Module 5+0
Module 5+1
+26 Module 14+0
Module 14+1
+28 Module 15+0
Module 15+1
+30 Module 16+0
Module 16+1
+32 FLG
+33 ERR1
+34 ERR2
Begin
Address
0
15
+0 Module 1+0
Module 1+1
+2 Module 2+0
Module 2+1
+4 Module 3+0
Module 3+1
+6 Module 4+0
Module 4+1
+8 Module 5+0
Module 5+1
+26 Module 14+0
Module 14+1
+28 Module 15+0
Module 15+1
+30 Module 16+0
Module 16+1
Begin
Address
The area enclosed with a bold line is assigned for I/O data.
Each module takes two-word areas for input and output respectively, regardless of whether the module type is input or output.
If a module for Data Allocation Mode 1 is used, all the bits for Module n+1 data turn to "0" (unused).
Each module can handle either input or output data. Input and output cannot be mixed in one module.
Input data from the master device is transferred to the module's output data area. The master device can read from the output
data area the data it has set.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com