Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7F4DH-1DA16A-R Datasheet(PDF) 38 Page - M-System Co.,Ltd.

Part # R7F4DH-1DA16A-R
Description  Remote I/O R7F4D Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7F4DH-1DA16A-R Datasheet(HTML) 38 Page - M-System Co.,Ltd.

Back Button R7F4DH-1DA16A-R Datasheet HTML 34Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 35Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 36Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 37Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 38Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 39Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 40Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 41Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 42Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
MODEL: R7F4DH
R7F4DH SPECIFICATIONS
ES-7799 Rev.7 Page 38/77
http://www.m-system.co.jp/
PNP DISCRETE INPUT &
NPN TRANSISTOR OUTPUT MODULE, 8 points each
(MIL connector)
MODEL:
R7F4DH–2–DAC16A
R7F4DH–3–DAC16A
SPECIFICATIONS
■ COMMON SPECIFICATIONS
Common: Negative common per 16 points
Input rating/load voltage: 24 V DC ±10 %, ripple 5 %p-p
max.
Number of I/O: Input, 8 points; Output, 8 points
Maximum I/O applicable at once: No limit (at 24 V DC)
I/O status indicator: LED turns ON with contact ON
Isolation: I/O or sensor excitation to HLS to power input to
FE
Data allocation: 1
■ INPUT
ON voltage / current: ≥ 15 V DC (I/O's X0 through X7 to
GND) / ≥ 3.5 mA
OFF voltage / current: ≤ 5 V DC (I/O's X0 through X7 to
GND) / ≤ 1 mA
Input current: ≤ 5.5 mA per point at 24 V DC
Input resistance: Approx. 4.4 kΩ
ON delay: ≤ 0.5 msec.
OFF delay: ≤ 0.5 msec.
■ OUTPUT
Rated output current: 0.1 A per point, 0.8 A per common
Residual voltage: ≤ 1.2 V
Leakage current: ≤ 0.1 mA
ON delay: ≤ 0.2 msec.
OFF delay: ≤ 0.5 msec.
Overload current protection function: Limits the current
value when overcurrent is detected
Overheat Protection Function:
Turns OFF the output when overheat is detected
(When driving an inductive load, connect a diode in parallel
with the load.)
TERMINAL ASSIGNMENTS
■ I/O Terminal
2
1
20
19
1. TERMINAL BLOCK CODE 2
PIN
No.
ID
FUNCTION
PIN
No.
ID
FUNCTION
1
X0
Input 0
11
Y2
Output 2
2
X1
Input 1
12
Y3
Output 3
3
X2
Input 2
13
Y4
Output 4
4
X3
Input 3
14
Y5
Output 5
5
X4
Input 4
15
Y6
Output 6
6
X5
Input 5
16
Y7
Output 7
7
X6
Input 6
17
GND
0V
8
X7
Input 7
18
GND
0V
9
Y0
Output 0
19
+24V
24VDC
10
Y1
Output 1
20
+24V
24VDC
2. TERMINAL BLOCK CODE 3
PIN
No.
ID
FUNCTION
PIN
No.
ID
FUNCTION
1
+24V
24VDC
11
Y4
Output 4
2
+24V
24VDC
12
X4
Input 4
3
GND
0V
13
Y3
Output 3
4
GND
0V
14
X3
Input 3
5
Y7
Output 7
15
Y2
Output 2
6
X7
Input 7
16
X2
Input 2
7
Y6
Output 6
17
Y1
Output 1
8
X6
Input 6
18
X1
Input 1
9
Y5
Output 5
19
Y0
Output 0
10
X5
Input 5
20
X0
Input 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com