Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7F4DH-1DA16A-R Datasheet(PDF) 50 Page - M-System Co.,Ltd.

Part # R7F4DH-1DA16A-R
Description  Remote I/O R7F4D Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7F4DH-1DA16A-R Datasheet(HTML) 50 Page - M-System Co.,Ltd.

Back Button R7F4DH-1DA16A-R Datasheet HTML 46Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 47Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 48Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 49Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 50Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 51Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 52Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 53Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 54Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
MODEL: R7F4DH
R7F4DH SPECIFICATIONS
ES-7799 Rev.7 Page 50/77
http://www.m-system.co.jp/
PNP DISCRETE INPUT &
NPN TRANSISTOR OUTPUT MODULE, 16 points each
(MIL connector)
MODEL:
R7F4DH–2–DAC32A
R7F4DH–3–DAC32A
SPECIFICATIONS
■ COMMON SPECIFICATIONS
Common: Negative common per 32 points
Input rating/load voltage: 24 V DC ±10 %, ripple 5 %p-p
max.
Number of I/O: Input, 16 points; Output, 16 points
Maximum I/O applicable at once: No limit (at 24 V DC)
I/O status indicator: LED turns ON with contact ON
Isolation: I/O or sensor excitation to HLS to power input to
FE
Data allocation: 1
■ INPUT
ON voltage / current: ≥ 15 V DC (I/O's X0 through XF to
GND) / ≥ 3.5 mA
OFF voltage / current: ≤ 5 V DC (I/O's X0 through XF to
GND) / ≤ 1 mA
Input current: ≤ 5.5 mA per point at 24 V DC
Input resistance: Approx. 4.4 kΩ
ON delay: ≤ 0.5 msec.
OFF delay: ≤ 0.5 msec.
■ OUTPUT
Rated output current: 0.1 A per point, 1.6 A per common
Residual voltage: ≤ 1.2 V
Leakage current: ≤ 0.1 mA
ON delay: ≤ 0.2 msec.
OFF delay: ≤ 0.5 msec.
Overload current protection function: Limits the current
value when overcurrent is detected
Overheat Protection Function:
Turns OFF the output when overheat is detected
(When driving an inductive load, connect a diode in parallel
with the load.)
TERMINAL ASSIGNMENTS
■ I/O Terminal
2
1
20
19
2
CN2
CN1
1
20
19
■ TERMINAL BLOCK CODE 2
• CN1
PIN No.
ID
FUNCTION
PIN No.
ID
FUNCTION
1
X0
INPUT 0
11
XA
INPUT 10
2
X1
INPUT 1
12
XB
INPUT 11
3
X2
INPUT 2
13
XC
INPUT 12
4
X3
INPUT 3
14
XD
INPUT 13
5
X4
INPUT 4
15
XE
INPUT 14
6
X5
INPUT 5
16
XF
INPUT 15
7
X6
INPUT 6
17
GND
0V
8
X7
INPUT 7
18
GND
0V
9
X8
INPUT 8
19
+24V
24V DC
10
X9
INPUT 9
20
+24V
24V DC
• CN2
PIN No.
ID
FUNCTION
PIN No.
ID
FUNCTION
1
Y0
OUTPUT 0
11
YA
OUTPUT 10
2
Y1
OUTPUT 1
12
YB
OUTPUT 11
3
Y2
OUTPUT 2
13
YC
OUTPUT 12
4
Y3
OUTPUT 3
14
YD
OUTPUT 13
5
Y4
OUTPUT 4
15
YE
OUTPUT 14
6
Y5
OUTPUT 5
16
YF
OUTPUT 15
7
Y6
OUTPUT 6
17
GND
0V
8
Y7
OUTPUT 7
18
GND
0V
9
Y8
OUTPUT 8
19
+24V
24V DC
10
Y9
OUTPUT 9
20
+24V
24V DC
■ TERMINAL BLOCK CODE 3
• CN1
PIN No.
ID
FUNCTION
PIN No.
ID
FUNCTION
1
+24V
24V DC
11
XC
INPUT 12
2
+24V
24V DC
12
X4
INPUT 4
3
GND
0V
13
XB
INPUT 11
4
GND
0V
14
X3
INPUT 3
5
XF
INPUT 15
15
XA
INPUT 10
6
X7
INPUT 7
16
X2
INPUT 2
7
XE
INPUT 14
17
X9
INPUT 9
8
X6
INPUT 6
18
X1
INPUT 1
9
XD
INPUT 13
19
X8
INPUT 8
10
X5
INPUT 5
20
X0
INPUT 0
• CN2
PIN No.
ID
FUNCTION
PIN No.
ID
FUNCTION
1
+24V
24V DC
11
YC
OUTPUT 12
2
+24V
24V DC
12
Y4
OUTPUT 4
3
GND
0V
13
YB
OUTPUT 11
4
GND
0V
14
Y3
OUTPUT 3
5
YF
OUTPUT 15
15
YA
OUTPUT 10
6
Y7
OUTPUT 7
16
Y2
OUTPUT 2
7
YE
OUTPUT 14
17
Y9
OUTPUT 9
8
Y6
OUTPUT 6
18
Y1
OUTPUT 1
9
YD
OUTPUT 13
19
Y8
OUTPUT 8
10
Y5
OUTPUT 5
20
Y0
OUTPUT 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com