Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7F4DH-1DA16A-R Datasheet(PDF) 62 Page - M-System Co.,Ltd.

Part # R7F4DH-1DA16A-R
Description  Remote I/O R7F4D Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7F4DH-1DA16A-R Datasheet(HTML) 62 Page - M-System Co.,Ltd.

Back Button R7F4DH-1DA16A-R Datasheet HTML 58Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 59Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 60Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 61Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 62Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 63Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 64Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 65Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 66Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 77 page
background image
MODEL: R7F4DH
R7F4DH SPECIFICATIONS
ES-7799 Rev.7 Page 62/77
http://www.m-system.co.jp/
NPN DISCRETE INPUT MODULE, 16 points
(Tension clamp terminal block)
MODEL: R7F4DH–4–DA16A
SPECIFICATIONS
Common: Positive common (NPN) per 16 points
Number of I/O: Input, 16 points
Maximum inputs applicable at once: No limit (at 24 V DC)
Input status indicator: LED turns ON with contact ON
Isolation: Input or sensor excitation to HLS to power input to
FE
Data allocation: 1
Rated input voltage: 24 V DC ±10 %; ripple 5 %p-p max.
ON voltage / current: ≥ 15 V DC (X0 through XF to +24 V) /
≥ 3.5 mA
OFF voltage / current: ≤ 5 V DC (X0 through XF to +24 V) /
≤ 1 mA
Input current: ≤ 5.5 mA per point at 24 V DC
Input resistance: Approx. 4.4 kΩ
ON delay: ≤ 0.5 msec.
OFF delay: ≤ 0.5 msec.
TERMINAL ASSIGNMENTS
■ Input Terminal
X0
X2
X1
X3
X5
X4
X6
X8
X7
X9
XB
XA
XC
XE
XD
XF
+24V
+24V
GND
GND
PIN
No.
ID
FUNCTION
PIN
No.
ID
FUNCTION
X0
1
X0
Input 0
X8
1
X8
Input 8
2
+24V
24V DC
2
+24V
24V DC
3
GND
0V
3
GND
0V
X1
1
X1
Input 1
X9
1
X9
Input 9
2
+24V
24V DC
2
+24V
24V DC
3
GND
0V
3
GND
0V
X2
1
X2
Input 2
XA
1
XA
Input 10
2
+24V
24V DC
2
+24V
24V DC
3
GND
0V
3
GND
0V
X3
1
X3
Input 3
XB
1
XB
Input 11
2
+24V
24V DC
2
+24V
24V DC
3
GND
0V
3
GND
0V
X4
1
X4
Input 4
XC
1
XC
Input 12
2
+24V
24V DC
2
+24V
24V DC
3
GND
0V
3
GND
0V
X5
1
X5
Input 5
XD
1
XD
Input 13
2
+24V
24V DC
2
+24V
24V DC
3
GND
0V
3
GND
0V
X6
1
X6
Input 6
XE
1
XE
Input 14
2
+24V
24V DC
2
+24V
24V DC
3
GND
0V
3
GND
0V
X7
1
X7
Input 7
XF
1
XF
Input 15
2
+24V
24V DC
2
+24V
24V DC
3
GND
0V
3
GND
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com