Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7F4DH-1DA16A-R Datasheet(PDF) 26 Page - M-System Co.,Ltd.

Part # R7F4DH-1DA16A-R
Description  Remote I/O R7F4D Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7F4DH-1DA16A-R Datasheet(HTML) 26 Page - M-System Co.,Ltd.

Back Button R7F4DH-1DA16A-R Datasheet HTML 22Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 23Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 24Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 25Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 26Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 27Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 28Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 29Page - M-System Co.,Ltd. R7F4DH-1DA16A-R Datasheet HTML 30Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 77 page
background image
MODEL: R7F4DH
R7F4DH SPECIFICATIONS
ES-7799 Rev.7 Page 26/77
http://www.m-system.co.jp/
NPN DISCRETE INPUT MODULE, 16 points
(MIL connector)
MODEL:
R7F4DH–2–DA16A
R7F4DH–3–DA16A
SPECIFICATIONS
Common: Positive common (NPN) per 16 points
Number of I/O: Input, 16 points
Maximum inputs applicable at once: No limit (at 24 V DC)
Input status indicator: LED turns ON with contact ON
Isolation: Input or sensor excitation to HLS to power input to
FE
Data allocation: 1
Rated input voltage: 24 V DC ±10 %; ripple 5 %p-p max.
ON voltage / current: ≥ 15 V DC (X0 through XF to +24 V) /
≥ 3.5 mA
OFF voltage / current: ≤ 5 V DC (X0 through XF to +24 V) /
≤ 1 mA
Input current: ≤ 5.5 mA per point at 24 V DC
Input resistance: Approx. 4.4 kΩ
ON delay: ≤ 0.5 msec.
OFF delay: ≤ 0.5 msec.
TERMINAL ASSIGNMENTS
■ Input Terminal
2
1
20
19
1. TERMINAL BLOCK CODE 2
PIN
No.
ID
FUNCTION
PIN
No.
ID
FUNCTION
1
X0
Input 0
11
XA
Input 10
2
X1
Input 1
12
XB
Input 11
3
X2
Input 2
13
XC
Input 12
4
X3
Input 3
14
XD
Input 13
5
X4
Input 4
15
XE
Input 14
6
X5
Input 5
16
XF
Input 15
7
X6
Input 6
17
GND
0V
8
X7
Input 7
18
GND
0V
9
X8
Input 8
19
+24V
24VDC
10
X9
Input 9
20
+24V
24VDC
2. TERMINAL BLOCK CODE 3
PIN
No.
ID
FUNCTION
PIN
No.
ID
FUNCTION
1
+24V
24VDC
11
XC
Input 12
2
+24V
24VDC
12
X4
Input 4
3
GND
0V
13
XB
Input 11
4
GND
0V
14
X3
Input 3
5
XF
Input 15
15
XA
Input 10
6
X7
Input 7
16
X2
Input 2
7
XE
Input 14
17
X9
Input 9
8
X6
Input 6
18
X1
Input 1
9
XD
Input 13
19
X8
Input 8
10
X5
Input 5
20
X0
Input 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com