Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7HL-DAC15E-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7HL-DAC15E-R
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-DAC15E-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7HL-DAC15E-R Datasheet HTML 1Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 2Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 3Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 4Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 5Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 6Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 7Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 8Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 3/55
http://www.m-system.co.jp/
EXTERNAL VIEW
■ View of R7HL-DAC16ES
X10
X1
STATION ADD.
1 2 3 4 5 6 7 8
Station Address Setting Rotary SW
Status Indicator LED
Operating Mode Setting DIP SW (SW1)
Terminating Resistor SW
I/O Terminals
Network
Terminals
Power Supply Terminals
RUN
PWR
ON
0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7
Discrete I/O Status Indicator LED
1
2
3
1
2
3
4
5
11 12 13 14
16 17 18 19 20
15
1
2
3
1
2
3
4
5
1
2
3
4
6
7
8
9
10
5
■ FRONT VIEW
■ SIDE VIEW
67
89A
67
89A
■ View of R7HL-PA4E
X10
X1
STATION ADD.
1 2 3 4 5 6 7 8
Station Address Setting Rotary SW
Status Indicator LED
Operating Mode Setting DIP SW (SW1)
Terminating Resistor SW
Input Connector
Network
Terminals
Power Supply Connector
RUN
PWR
ON
0 1 2 3
Input Status Indicator LED
■ FRONT VIEW
■ SIDE VIEW
67
89A
67
89A
5
4
3
2
1
CH0
SNSR EXC
PWR
CH1
CH2
CH3
Sensor Excitation Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com