Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7HL-DAC15E-R Datasheet(PDF) 41 Page - M-System Co.,Ltd.

Part # R7HL-DAC15E-R
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-DAC15E-R Datasheet(HTML) 41 Page - M-System Co.,Ltd.

Back Button R7HL-DAC15E-R Datasheet HTML 37Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 38Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 39Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 40Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 41Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 42Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 43Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 44Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 45Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 41/55
http://www.m-system.co.jp/
ENCODER INPUT MODULE
(2 points, non-isolated)
MODEL:
R7HL–PA2SJ
R7HL–PA2SA1
R7HL–PA2SA4
R7HL–PA2SA7
SPECIFICATIONS
Isolation
External sensor excitation type: Input or output or sensor
excitation input or encoder excitation input (for R7HL-
PA2SAx) to HLS to power input to FG
Sensor excitation available type: Input or output or encoder
excitation input (for R7HL-PA2SAx) or power input to HLS to
FG
Counter: Linear counter
Speed conversion accuracy: ±0.1 %
Converted data range
Speed: 0 – 10000 of the input range
Position: -2 100 000 000 to +2 100 000 000
Sensor Excitation* (External):
24 V DC ± 10 %, ripple 5 %p-p max., 20 mA to 1 A
* Must be supplied since the input circuit also works with it.
Not required when option /C is selected.
When Latch or Reset turns on, its current is added.
Encoder excitation (External source; only for PA2SAx)
PA2SA1: 5 V DC ±5 %, 1 A max.
PA2SA4: 12 V DC ±5 %, 1 A max.
PA2SA7: 24 V DC ±5 %, 1 A max.
Data allocation
Speed data: 4
Position data: 2
Low-end cutout (speed): Programmable within 0.1 – 50 %
■Encoder pulse input
Input: 2 points
Input pulse
∙PA2SJ (RS-422)
Receiver: Conforms to RS-422
∙PA2SA1 (5 V open collector)
Sensing: Approx. 4 V DC @ 4.4 mA
ON/OFF level: ≥ 3 kΩ / 3.3 V for OFF, ≤ 300 Ω / 1 V for ON
∙PA2SA4 (12 V open collector)
Sensing: Approx. 10 V DC @ 5.7 mA
ON/OFF level: ≥ 3 kΩ / 6.5 V for OFF, ≤ 400 Ω / 1.8 V for ON
∙PA2SA7 (24 V open collector)
Sensing: Approx. 22 V DC @ 7.8 mA
ON/OFF level: ≥ 3 kΩ / 11.5 V for OFF, ≤ 300 Ω / 2 V for ON
Pulse phase: A, B and Z
A and B phases are necessary to work.
Maximum input frequency
∙PA2SJ (RS-422)
Position data: 4 MHz (quad multiplication)
Speed data: 100 kHz
∙PA2SAx (Open collector)
Position data: 400 kHz (quad multiplication)
Speed data: 100 kHz
Minimum pulse width (ON and OFF)
∙Phase A/B
∙PA2SJ (RS-422)
Position data: ≥ 0.5 μsec.
Speed data: ≥ 5 μsec.
∙PA2SAx (Open collector)
Position data: ≥ 5 μsec.
Speed data: ≥ 5 μsec.
∙Phase Z ≥ 1 msec
■ Reset input: discrete input
Number of input: 1 for each channel (2 points)
Common: Positive common
Detecting voltage: Supplied sensor excitation voltage
Detecting current: 5.5 mA per channel (@24 V DC)
Detecting levels:
≥ 15 V DC (between +24V and RST), ≥ 3.5 mA for ON
≤ 5 V DC (between +24V and RST), ≤ 1mA for OFF
Input resistance: Approx. 4.4 kΩ
ON delay time: ≤ 50 μsec.
OFF delay time: ≤ 500 μsec.
Pulse width: ≥ 50 msec.
■ Latch input: discrete input
Number of input: 1 for each channel (2 points)
Common: Positive common
Detecting voltage: Supplied sensor excitation voltage
Detecting current: 5.5 mA per channel (@24 V DC)
Detecting levels:
≥ 15 V DC (between +24V and LCH), ≥ 3.5 mA for ON
≤ 5 V DC (between +24V and LCH), ≤ 1mA for OFF
Input resistance: Approx. 4.4 kΩ
ON delay time: ≤ 10 μsec.
OFF delay time: ≤ 10 μsec.
■ Alarm Output: Open collector
Number of output: 2 for each channel (4 points)
Common: Negative common
Rated load voltage: 24 V DC ±10 %
Max. load current: 0.1 A per point
Voltage drop at ON: ≤ 1.2 V
Leakage current at OFF: ≤ 1 mA
ON delay: ≤ 50 μsec.
OFF delay: ≤ 500 μsec.
■ Command
Data type, Preset, Reset, Latch, Reset data clear, Latch data
clear and Alarm output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com