Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7HL-DAC15E-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7HL-DAC15E-R
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-DAC15E-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7HL-DAC15E-R Datasheet HTML 1Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 2Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 3Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 4Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 5Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 6Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 7Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 8Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 4/55
http://www.m-system.co.jp/
■ View of R7HL-PA2Sx
89
67
89
67
Station Address Setting Rotary SW
Status Indicator LED
Operating Mode Setting DIP SW (SW1)
Terminating Resistor SW
Network, Power Supply
Terminals
■ FRONT VIEW
■ SIDE VIEW
X10
X1
STATION ADD.
CNFG.
1 2 3 4 5 6 7 8
PC Configurator Jack
I/O terminals
4
5
6
7
1
2
3
RUN
PWR
ON
■ Basic View (except R7HL-DAC16ES, R7HL-PA4E and R7HL-PA2Sx)
X10
X1
STATION ADD.
CNFG.
1 2 3 4 5 6 7 8
10 11 12 13
2
3
4
1
15 16 17 18
7
8
9
6
14
5
4
5
6
7
1
2
3
89
67
89
67
■ SIDE VIEW
■ FRONT VIEW
RUN
PWR
ON
0 1 2 3 4 5 6 7 8 9 A B C D E F
*1. Not available with discrete I/O modules.
*2. Not available with analog I/O modules except R7HL-LC2.
LED 8 through F are not available for 8-point discrete output modules.
  Discrete output 7 LED is not available for R7HL-DAC15E.
*3. 10 screw terminals for analog output modules. 
Station Address Setting
Rotary SW
Status Indicator
LED
Operating Mode Setting DIP SW (SW1)
PC Configurator Jack *
1
Discrete I/O Status Indicator LED *
2
Network, Power Supply
Terminals
I/O terminals *
3
Terminating Resistor SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com