Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7HL-DAC15E-R Datasheet(PDF) 15 Page - M-System Co.,Ltd.

Part # R7HL-DAC15E-R
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-DAC15E-R Datasheet(HTML) 15 Page - M-System Co.,Ltd.

Back Button R7HL-DAC15E-R Datasheet HTML 11Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 12Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 13Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 14Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 15Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 16Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 17Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 18Page - M-System Co.,Ltd. R7HL-DAC15E-R Datasheet HTML 19Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 15/55
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm [inch]
• For R7HL-TS4
4
5
6
7
1
2
3
10 11 12 13
2
3
4
1
15 16 17 18
7
8
9
6
14
5
30 (1.18)
[5 (.20)]
DIN RAIL
35mm wide
54 (2.13)
17 (.66)
115 (4.53)
7–M3 SCREW
TERMINALS
for Network, POWER
18–M3 SCREW
TERMINALS for I/O
6 (.24)
6 (.24)
17 (.66)
54 (2.13)
DIN RAIL
35mm wide
30 (1.18)
[5 (.20)]
I DISCRETE I/O MODULE (Except R7HL-DAC16ES), ANALOG INPUT MODULE
■ DISCRETE I/O MODULE (R7HL-DAC16ES)
115 (4.53)
30 (1.18)
DIN RAIL
35mm wide
53 (2.09)
18 (.71)
[5 (.20)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com