Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE34AC04FMTH Datasheet(PDF) 14 Page - ACE Technology Co., LTD.

Part # ACE34AC04FMTH
Description  4K I2C Serial EEPROM with Software Write Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE34AC04FMTH Datasheet(HTML) 14 Page - ACE Technology Co., LTD.

Back Button ACE34AC04FMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 18Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
ACE34AC04
4K I
2C Serial EEPROM with Software Write Protection
VER 1.1
14
Table 6: Set RSWP and Clear RSWP
Function
Pin
Control Byte
Device Type Identifier
Memory Quadrant Identifier
R/ W
A2
A1
A0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Set RSWP,
Quadrant 0
X
X
V
HV
0
1
1
0
0
0
1
0
Set RSWP,
Quadrant 1
X
X
1
0
0
0
Set RSWP,
Quadrant 2
X
X
1
0
1
0
Set RSWP,
Quadrant 3
X
X
0
0
0
0
Clear RSWP
X
X
0
1
1
0
X = Don’t care but recommended to be hard-wired to VCC or GND.
Due to the requirement for the A0 pin to be driven to VHV, the RSWP set and RSWP clear commands are
fully supported in a single DIMM (isolated DIMM) end application or a single DIMM programming station
only.
Figure 11: Set RSWP and Clear RSWP
X = Don’t care
(B)
Clear RSWP
Similar to the Set RSWP command, the reversible write protection on all quadrants can be reversed
or unprotected by transmitting the Clear RSWP command. The Clear RSWP sequence requires the
Master to send a Start condition followed by sending a control byte of „01100110‟(66h) with the R/W
bit set to a Logic 0. The ACE34AC04 should respond with an ACK. The Master transmits a word
address byte and data bytes with don’t care values. The ACE34AC04 will respond with either an
ACK or NACK to both the word address and data word. In conjunction with sending the protocol, the
A0 pin must be connected to VHV for the duration of the Clear RSWP command. To end the Clear
RSWP sequence, the Master sends a Stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com