Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE34AC04FMTH Datasheet(PDF) 18 Page - ACE Technology Co., LTD.

Part # ACE34AC04FMTH
Description  4K I2C Serial EEPROM with Software Write Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE34AC04FMTH Datasheet(HTML) 18 Page - ACE Technology Co., LTD.

Back Button ACE34AC04FMTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 18Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 19Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 20Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 21Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 22Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
ACE34AC04
4K I
2C Serial EEPROM with Software Write Protection
VER 1.1
18
DC Characteristics
Symbol
Parameter
Test Condition
Min
Max
Units
VCC
Supply Voltage
1.7
3.6
V
ICC1
Supply Current
VCC = 3.6V
Read at
100kHz
1.0
mA
ICC2
Supply Current
VCC = 3.6V
Write at
100kHz
3.0
mA
ISB
Standby Current
VCC = 1.7V
VIN = VCC or
VSS
3.0
μA
VCC = 3.6V
VIN = VCC or
VSS
4.0
μA
ILI
Input Leakage Current
VIN = VCC or VSS
2.0
µA
ILO
Output Leakage Current
VOUT = VCC or VSS
2.0
µA
VIL
Input Low Level
(1)
-0.5
VCC*0.3
µA
VIH
Input High Level
(1)
VCC*0.7
VCC+0.5
µA
VOL1
Low-Level Output Voltage
Open-Drain
VCC > 2V
IOL = 3mA
0.4
V
VOL2
VCC
≤ 2V
IOL = 2mA
0.2*VCC
V
IOL
Low-Level Output Current
VOL = 0.4V
Freq ≤
400kHz
3.0
mA
VOL = 0.6V
Freq ≤
400kHz
6.0
mA
VOL = 0.4V
Freq >
400kHz
20.0
mA
VHV
A0 Pin High Voltage
VHV - VCC
≥ 4.8V
7
10
V
VHYST1
Input Hysteresis (SDA, SCL)
VCC < 2V
0.10*VCC
V
VHYST2
Input Hysteresis (SDA, SCL)
VCC
≥ 2V
0.05*VCC
V
Note: VIL min and VIH max are reference only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com