Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE34AC04FMTH Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE34AC04FMTH
Description  4K I2C Serial EEPROM with Software Write Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE34AC04FMTH Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE34AC04FMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 13Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ACE34AC04
4K I
2C Serial EEPROM with Software Write Protection
VER 1.1
9
Reading the state of the SPA can be accomplished via the Read Page Address (RPA) command. The
Master can issue the RPA command to determine if the ACE34AC04’s internal address counter is located
in the first 2-Kbit section or the second 2-Kbit memory section based upon the device’s ACK or NACK
response to the RPA command. The RPA command sequence requires the Master to transmit a Start bit
followed by a control byte of‘01101101’ (6Dh). If the device’s current address counter (page address) is
located in the first half of the memory, the ACE34AC04 responds with an ACK to the RPA command.
Alternatively, a NACK response to the RPA command indicates the page address is located in the second
half of the memory .Following the control byte and the device’s ACK or NACK response, the ACE34AC04
should transmit two data bytes of don’t care values. The Master should NACK on these two data bytes
followed by the Master sending a Stop condition to end the operation. After power-up, the SPA is set to
zero indicating internal address counter is located in the first half of the memory.
Performing a software reset will also set the SPA to zero. The ACE34AC04 incorporates a Reversible
Software Write Protect (RSWP) feature that allows the ability to selectively write protect data stored in any
or all of the four 128-byte quadrants.
Figure 6: Read Page Address (RPA)
Write Operations
The ACE34AC04 supports single Byte Write and Page Write operations up to the maximum page size of
16 bytes in one operation. The only difference between a Byte Write and a Page Write operation is the
amount of data bytes sent to the device. Regardless of whether a Byte Write or Page Write operation is
performed, the internally self-timed write cycle will take the same amount of time to write the data to the
addressed memory location(s). All Byte Write and Page Write operations should be preceded by the SPA
and or RPA commands to ensure the internal address counter is located in the desired half of the memory.
If a Byte Write or Page Write operation is attempted to a protected quadrant, the ACE34AC04 will respond
(ACK or NACK) to the write operation according to Table 4.
Table 4: Acknowledge Status When Writing Data or Defining Write Protection
Quadrant Status
Instruction
ACK
Word Address
ACK
Data Word
ACK
Write
Cycle
Write Protected
with Set RSWP
Set RSWP
NACK
Don’t Care
NACK
Don’t Care
NACK
No
Clear RSWP
ACK
Don’t Care
ACK
Don’t Care
ACK
Yes
Byte Write or
Page Write
to Protected
Quadrant
ACK
Word Address
ACK
Data
ACK
No
Not Protected
Set RSWP or
Clear RSWP
ACK
Don’t Care
ACK
Don’t Care
ACK
Yes
Byte Write or
Page Write
ACK
Word Address
ACK
Data
ACK
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com