Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE34AC04FMTH Datasheet(PDF) 12 Page - ACE Technology Co., LTD.

Part # ACE34AC04FMTH
Description  4K I2C Serial EEPROM with Software Write Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE34AC04FMTH Datasheet(HTML) 12 Page - ACE Technology Co., LTD.

Back Button ACE34AC04FMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE34AC04FMTH Datasheet HTML 16Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
ACE34AC04
4K I
2C Serial EEPROM with Software Write Protection
VER 1.1
12
(C)
Random Read
Random read is a two-steps process. The first step is to initialize the internal address counter with a
target read address using a “dummy write” instruction. The second step is a current address read. To
initialize the internal address counter with a target read address, the micro-controller issues a START
bit first, follows by a valid device address with the read/write bit (8th) set to “0”. The EEPROM will
then acknowledge. The micro-controller will then send the address word. Again the EEPROM will
acknowledge. Instead of sending a valid written data to the EEPROM, the micro-controller performs
a current address read instruction to read the data. Note that once a START bit is issued, the
EEPROM will reset the internal programming process and continue to execute the new instruction
which is to read the current address.
Figure 7: Byte Write
Figure 8: Page Write
Figure 9: Current Address Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com