Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE34AC04TMTH Datasheet(PDF) 17 Page - ACE Technology Co., LTD.

Part # ACE34AC04TMTH
Description  4K I2C Serial EEPROM with Software Write Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE34AC04TMTH Datasheet(HTML) 17 Page - ACE Technology Co., LTD.

Back Button ACE34AC04TMTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 18Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 19Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 20Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 21Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
ACE34AC04
4K I
2C Serial EEPROM with Software Write Protection
VER 1.1
17
AC Characteristics
Symbol
Parameter
VCC < 2.2V
VCC ≥ 2.2V
Units
100kHz
400kHz
1000kHz
Min
Max
Min
Max
f
SCL
Clock Frequency, SCL
10
(2)
100
10
(2)
400
10
(2)
1,000
kHz
t
LOW
Clock Pulse Width Low
4,700
1,300
500
ns
t
HIGH
Clock Pulse Width High
4,000
600
260
ns
tI
Noise Suppression Time
50
50
50
ns
t
BUF
Time the bus must be free
before a new transmission
can start
(1)
4,700
1,300
500
ns
t
HD.STA
Start Hold Time
4,000
600
260
ns
t
SU.STA
Start Set-up Time
4,700
600
260
ns
t
HD.DI
Data In Hold Time
0.0
0.0
0.0
ns
t
SU.DAT
Data In Set-up Time
250
100
50
ns
tR
Inputs Rise Time
(1)
1,000
20
300
120
ns
tF
Inputs Fall Time
(1)
300
20
300
120
ns
t
SU.STO
Stop Set-up Time
4,000
600
260
ns
t
HD.DAT
Data Out Hold Time
200
3,450
200
900
0
350
ns
t
PWR,R
(1)
Vcc slew rate at power up
0.1
50
0.1
50
0.1
50
V/ms
t
PUP
(1)
Time required after VCC is
stable before the device can
accept commands
100
100
100
µs
t
POFF
(1)
Minimum time at Vcc=0V
between power cycles
500
500
500
ms
t
WR
Write Cycle Time
5
5
5
ms
t
OUT
Timeout Time
25
35
25
35
25
35
ms
Endurance
25°C, Page Mode
(1)
1,000,000
Write
Cycles
Notes:
1. This Parameter is expected by characterization but is not fully screened by test.
2. The minimum frequency is specified at 10kHz to avoid activating the timeout feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com