Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE34AC04TMTH Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE34AC04TMTH
Description  4K I2C Serial EEPROM with Software Write Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE34AC04TMTH Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE34AC04TMTH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ACE34AC04
4K I
2C Serial EEPROM with Software Write Protection
VER 1.1
6
(G)
Timeout Function
The ACE34AC04 supports the industry standard bus Timeout feature to help prevent potential
system bus hangups. The device resets its serial interface and will stop driving the bus (will let
SDA float high) if the SCL pin is held low for more than the minimum Timeout (tOUT) specification.
The ACE34AC04 will be ready to accept a new Start condition before the maximum tOUT has
elapsed. This feature does require a minimum SCL clock speed of 10kHz to avoid any timeout
issues.
Figure 3: Timeout
(H)
Software Reset
After an interruption in protocol, power loss, or system reset, any 2-wie part can be reset by following
these steps:
1.Create a Start condition.
2.Clock nine cycles.
3.Create another Start condition followed by Stop condition.
Figure 4: Software Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com