Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE34AC04TMTH Datasheet(PDF) 13 Page - ACE Technology Co., LTD.

Part # ACE34AC04TMTH
Description  4K I2C Serial EEPROM with Software Write Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE34AC04TMTH Datasheet(HTML) 13 Page - ACE Technology Co., LTD.

Back Button ACE34AC04TMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 15Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 16Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 17Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ACE34AC04
4K I
2C Serial EEPROM with Software Write Protection
VER 1.1
13
Figure 10: Sequential Read
Figure 11: Random Read
Write Protection
The ACE34AC04 incorporates a Reversible Software Write Protection (RSWP) feature that allows the
ability to selectively write protect data stored in each of the four independent 128-byte EEPROM
quadrants. Table 5 identifies the memory quadrant identifier with its associated quadrant, SPA and
memory address locations.
Table 5: Memory Organization
Block
Set Page Address (SPA)
Memory Address Locations
Quadrant 0
0
00h to 7Fh
Quadrant 1
80h to FFh
Quadrant 2
1
00h to 7Fh
Quadrant 3
80h to FFh
(A)
Set RSWP
Setting the RSWP is enabled by sending the Set RSWP command, similar to a normal Write
command to the device which programs the write protection to the target quadrant. The Set RSWP
sequence requires sending a control byte of ‘0110MMM0’ (where ‘M’ represents the memory
quadrant identifier for the target quadrant to be write-protected) with the R/W bit set to a Logic 0. In
conjunction with sending the protocol, the A0 pin must be connected to VHV for the duration of the
RSWP sequence.
The Set RSWP command acts on a single quadrant only as specified in the Set RSWP command
and can only be reversed by issuing the Clear RSWP command and will unprotect all quadrants in
one operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com