Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE34AC04TMTH Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE34AC04TMTH
Description  4K I2C Serial EEPROM with Software Write Protection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE34AC04TMTH Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE34AC04TMTH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE34AC04TMTH Datasheet HTML 12Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ACE34AC04
4K I
2C Serial EEPROM with Software Write Protection
VER 1.1
8
Memory Organization
To provide the greatest flexibility and backwards compatibility with the previous generations of SPD
devices, the ACE34AC04 memory organization is organized into two independent 2-Kbit memory arrays.
Each 2-Kbit (256-byte) section is internally organized into two independent quadrants of 128 bytes with
each quadrant comprised of eight pages of 16 bytes. Including both memory sections, there are four
128-byte quadrants totaling 512 bytes.
Set Page Address and Read Page Address Commands
The ACE34AC04 incorporates an innovative memory addressing technique that utilizes a Set desired half
of the memory enabled to perform Write and Read operations. Due to the requirement for A0 pin to be
driven to VHV, the SPA and the RPA commands are fully supported in a single DIMM (isolated DIMM) end
application or a single DIMM programming station only. If SPA = 0, then the first-half or lower 256 bytes of
the Serial EEPROM is selected allowing access to Quadrant 0 and Quadrant 1. Alternately, if SPA = 1,
then the second-half or upper 256 bytes of the Serial EEPROM is selected allowing access to Quadrant 2
and Quadrant 3.
Table 3: SPA Setting and Memory Organization
Block
Set Page Address (SPA)
Memory Address Locations
Quadrant 0
0
00h to 7Fh
Quadrant 1
80h to FFh
Quadrant 2
1
00h to 7Fh
Quadrant 3
80h to FFh
Setting the Set Page Address (SPA) value selects the desired half of the EEPROM for performing Write or
Read operations. This is done by sending the SPA as seen in Figure 6-1. The SPA command sequence
requires the Master to transmit a Start condition followed by sending a control byte of ‘011011*0’ where
the ‘*’ in the bit 7 position will dictate which half of the EEPROM is being addressed. A ‘0’ in this position
(or 6Ch) is required to set the page address to the first half of the memory and a ‘1’ (or 6Eh) is necessary
to set the page address to the second half of the memory. After receiving the control byte, the
ACE34AC04 should return an ACK and the Master should follow by sending two data bytes of don’t care
values. The ACE34AC04 responds with a NACK to each of these two data bytes although the JEDEC
EE1004v specification allows for either an ACK or NACK response. The protocol is completed by the
Master sending a Stop condition to end the operation.
Figure 5: Set Page Address (SPA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com