Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE3555R Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE3555R
Description  1CH ADJ Current-Limited Power Distribution Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE3555R Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE3555R Datasheet HTML 1Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 2Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 3Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 4Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 5Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 6Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 7Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 8Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACE3555R
1CH ADJ Current-Limited Power Distribution Switch
VER 1.1
2
Absolute Maximum Ratings (1)(2)(3)
Parameter
Range
All Pins Voltage
-0.3V to 6V
Operating Virtual Junction (TJ)
-40°C to 150°C
Ambient Temperature Operating Range (TA)
-40°C to 85°C
Storage Temperature Range (TS)
-55°C to 150°C
Lead Temperature (Soldering, 10s) (TL)
260°C
Junction-to-ambient thermal resistance (RθJA)
200°C/W
Junction-to-case thermal resistance (RθJC)
130°C/W
Note 1: Exceeding these ratings may damage the device.
Note 2: The device is not guaranteed to function outside of its operating conditions.
Note 3:
θ
JA is measured in the natural convection at TA = 25°C on a low effective single layer thermal conductivity
test
board of JEDEC 51-3 thermal measurement standard. Pin 2 of SOT-23-
5 packages is the case position for θ
JC
measurement.
Recommended Operating Conditions
Parameter
Value
Input Voltage Pin
2.4V to 5.5V
All Other Pins
V to 5.5V
Junction Temperature Range (Tj)
-40°C to 125°C
Ambient Temperature Range (TA)
-40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com