Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE3555R Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE3555R
Description  1CH ADJ Current-Limited Power Distribution Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE3555R Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE3555R Datasheet HTML 3Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 4Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 5Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 6Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 7Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 8Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 9Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 10Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ACE3555R
1CH ADJ Current-Limited Power Distribution Switch
VER 1.1
8
Functions Description
Current Limit
The ACE3555R provides a constant current limit that can be programmed by an external resistor. Once
the device reaches its current limit threshold, the internal circuit regulates the gate voltage to hold the
current in the power MOSFET constant. Below table can be taken as a reference to choose RSET to set
the current limit threshold.
Table 1 Current Limit Threshold Setting
RSET (kΩ)
Typical Current Limit (mA)
5.1
1360
5.6
1250
6.8
1020
7.5
930
8.2
870
10
730
12
615
15
500
18
420
30
260
51
160
82
100
100
88
Over Current
When the load exceeds trip current (minimum threshold current triggering constant-current mode) or short
circuited, ACE3555R switches into to constant-current mode (current limit value). ACE3555R will be shut
down only if the overcurrent condition stays long enough to trigger thermal protection.
Trigger overcurrent protection for different overload conditions occurring in applications:
1.
The output has been shorted or overloaded before the device is enabled or input applied. ACE3555R
detects the short or overload and immediately switches into a constant-current mode.
2.
A short or an overload occurs after the device is enabled. The device switches into constant current
mode after the current-limit circuit has been tripped (reached the trip current threshold). However,
high current may flow for a short period of time before the current-limit circuit can react.
3.
Output current has been gradually increased beyond the recommended operating current. The load
current rises until the trip current threshold is reached or until the thermal limit of the device is
exceeded. Once the trip threshold has been reached, the device switches into its constant-current
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com