Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE3555R Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE3555R
Description  1CH ADJ Current-Limited Power Distribution Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE3555R Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE3555R Datasheet HTML 2Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 3Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 4Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 5Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 6Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 7Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 8Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 9Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ACE3555R
1CH ADJ Current-Limited Power Distribution Switch
VER 1.1
6
Typical Performance Characteristics (1) (2)
Note (1): Performance waveforms are tested on the evaluation board.
Note (2): VIN = 5V, COUT = 1µF, RSET = 6.8k
Ω, TA = +25ºC, unless otherwise noted.
Tr, Tf, Ton, Toff waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com