Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE3555R Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE3555R
Description  1CH ADJ Current-Limited Power Distribution Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE3555R Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE3555R Datasheet HTML 1Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 2Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 3Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 4Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 5Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 6Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 7Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 8Page - ACE Technology Co., LTD. ACE3555R Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ACE3555R
1CH ADJ Current-Limited Power Distribution Switch
VER 1.1
1
Description
The ACE3555R Power Distribution Switch features internal current limiting to prevent damage to host
devices due to faulty load conditions. The ACE3555R develops ultra-low on-resistance switch with
programmable current limiting to protect the power source from over current and short circuit conditions. It
integrates the over temperature protection and discharges the output capacitor during the shutdown. In
case the output is pulled higher than the input voltage under the shutdown, the ACE3555R can block the
current flowing from the output to the input. The ACE3555R is available in SOT-23-5 package.
Features
Single-Channel Power Distribution Switch
Programmable Current Limit in 0.08A~2A Output Current
Enable polarity: Active High
2.4V to 5.5V Supply Range
Under-Voltage Lockout
-40°C to +85°C Ambient Temperature Range
Accurate Current Limit
15µA Quiescent Current
80mΩ MOSFET
Thermal-Shutdown Protection
Built-In Soft Start
Reverse Current Blocking (No Body Diode)
Available in SOT23-5 Package
Application
Set-Top Boxes
Wi-Fi Router/AP
USB 3G Datacard/ USB Dongle
ONT Boxes
USB Ports and Hubs, Laptops, and Desktops
Smartphone and PDA
MiniPCI Accessories


Similar Part No. - ACE3555R

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE358 ACE-ACE358 Datasheet
412Kb / 7P
The ACE358 consists of two independent high gain, internally frequency compensated operational amplifier. It can be operated from a Single power supply and also split power supplies.
VER 1.3
More results

Similar Description - ACE3555R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2551-Q1 TI1-TPS2551-Q1 Datasheet
1Mb / 26P
ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2041B-EP TI1-TPS2041B-EP Datasheet
792Kb / 25P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2066-Q1 TI1-TPS2066-Q1 Datasheet
851Kb / 24P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCH
TPS2068-Q1 TI1-TPS2068-Q1 Datasheet
762Kb / 24P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCH
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
Precision Adjustable Current-Limited Power-Distribution Switch
logo
Nuvoton Technology Corp...
NCT3527U NUVOTON-NCT3527U Datasheet
926Kb / 18P
Adjustable Current-Limited, Power-Distribution Switch
logo
Will Semiconductor Ltd.
WS4601 WILLSEMI-WS4601 Datasheet
1Mb / 10P
80m廓, Current Limited, Power Distribution Switch
WS4611 WILLSEMI-WS4611 Datasheet
880Kb / 10P
80m廓, Current Limited, Power Distribution Switch
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com