Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4559P435DFH Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE4559P435DFH
Description  150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4559P435DFH Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE4559P435DFH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ACE4559P
150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
VER 1.1
5
Electrical Characteristics The following specifications apply for VCC=5V TA=25℃, unless specified otherwise.
Symbol
Items
Conditions
Min
Typ
Max
Unit
I
SPLYCHRG
Charge Mode GND Current
R
PROG=1kΩ,VCC=5V
90
µA
I
BATCHRG
Charge Mode Battery Current
R
PROG=1kΩ
95
100
105
mA
R
PROG=2kΩ
47.5
50
52.5
R
PROG=4kΩ
23.7
25
26.3
I
SPLYSTBY
Standby Mode Supply Current
Charge Terminated
70
µA
I
BATSTBY
Standby Mode Battery Current
Charge Terminated
2.4
µA
I
SPLYASD
Shutdown Mode Supply Current
VCC<VBAT<VCC+0.3V /
VCC<UVLO, no battery
27
µA
I
BATASD
Shutdown Mode BAT Pin Current
V
BAT-VCC>0.3V
0.52
µA
I
BATSLEEP1
Sleep Mode BAT Pin Current
VCC=0 or VCC Floating
TA=25℃
0
µA
I
BATSLEEP2
Sleep Mode BAT Pin Current*
Note 3
VCC=0 or VCC Floating
TA=0℃~85℃
40
45
nA
V
FLOAT
Float Voltage
4.158
4.2
4.242
V
4.306
4.35
4.394
I
TRIKL
Trickle and Terminal Charge
Current
R
PROG=1kΩ
8
10
12
mA
R
PROG=2kΩ
4
5
6.5
R
PROG=4kΩ
2
2.5
3.5
V
TRIKL
Trickle Charge Voltage Threshold
VBAT from low to high
2.8
2.9
3.0
V
V
TRIKL, HYS
Trickle Charge Voltage Hysteresis
VBAT from high to low
100
mV
V
UVLO
UVLO Threshold
VCC from Low to High
3.6
3.8
4.0
V
V
UVLO, HYS
UVLO Hysteresis
VCC from high to low
270
mV
VASD
VCC-VBAT Lockout Threshold
Voltage
VCC from High to Low
80
mV
VCC from Low to High
130
ΔV
RECHRG
Auto Recharge Battery Voltage
VBAT from high to low
100
150
200
mV
V
CHGb
CHGb Pin Output Low Voltage
ICHGb=1mA
0.14
0.3
V
T
SS
Soft-Start Time
Note 3
190
us
T
RECHRG
Recharge Comparator Filter Time
Note 3
2
ms
T
TERM
Charge Terminated Filter Time
Note 3
1
ms
Note 3: Guaranteed by Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com