Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4559P435DFH Datasheet(PDF) 12 Page - ACE Technology Co., LTD.

Part # ACE4559P435DFH
Description  150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4559P435DFH Datasheet(HTML) 12 Page - ACE Technology Co., LTD.

Back Button ACE4559P435DFH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 15Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ACE4559P
150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
VER 1.1
12
Charge Status Indicator (CHGb)
The charge status output indicator is an open drain circuit. The indicator has two different states:
pull-down (~16mA), and high impedance. The pull-down state indicates that the ACE4559P is in a charge
cycle. High impedance indicates that the charge cycle is complete. The CHGb also can be used to detect
the charge states by a microprocessor with a pull-up resistor.
Shutdown Mode
The ACE4559P will be put into shutdown mode when the battery voltage is higher than the VCC voltage or
VCC-VBAT is less than VASD. This reduces the battery drain current to less than 0.5uA and the supply
current to less than 27uA. A new charge cycle can be initiated when the VCC-VBAT is high than VASD.
The ACE4559P also be put into shutdown mode when VCC voltage down to UVLO threshold. In this state,
the CHGb pin is high impedance state. The CHGb pin is also in a high impedance state if the charge cycle
is completed.
Automatic Recharge
Once the charge cycle is terminated, the ACE4559P continuously monitors the voltage on the BAT pin
using a comparator with a 2ms filter time (TRECHRG). A charge cycle restarts when the battery voltage falls
below delta VRECHRG (which corresponds to approximately 80% to 90% battery capacity). This ensures
that the battery is kept at or near a fully charged condition and eliminates the need for periodic charge
cycle initiations. CHGb output enters a pull-down state during recharge cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com