Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4559P435DFH Datasheet(PDF) 11 Page - ACE Technology Co., LTD.

Part # ACE4559P435DFH
Description  150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4559P435DFH Datasheet(HTML) 11 Page - ACE Technology Co., LTD.

Back Button ACE4559P435DFH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 15Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ACE4559P
150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
VER 1.1
11
When charging, transient loads on the BAT pin can cause the PROG pin to fall below 100mV for short
periods of time before the DC charge current has dropped to 1/10 of the programmed value. The 1ms
filter time (TTERM) on the termination comparator ensures that transient loads of this nature do not result in
premature charge cycle termination. Once the average charge current drops below 1/10 of the
programmed value, the ACE4559P terminates the charge cycle and ceases to provide any current
through the BAT pin, the chip will be put into standby mode. In this state, all loads on the BAT pin must be
supplied by the battery.
The ACE4559P constantly monitors the BAT pin voltage in standby mode. If this voltage drops below the
Vfloat-0.15V (typically) recharge threshold (VRECHRG), another charge cycle begins and current is once
again supplied to the battery. The state diagram of a typical charge cycle is as below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com