Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4559P435DFH Datasheet(PDF) 13 Page - ACE Technology Co., LTD.

Part # ACE4559P435DFH
Description  150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4559P435DFH Datasheet(HTML) 13 Page - ACE Technology Co., LTD.

Back Button ACE4559P435DFH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE4559P435DFH Datasheet HTML 15Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ACE4559P
150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
VER 1.1
13
Application Informations
Stability Considerations
The constant-voltage mode feedback loop is stable without an output capacitor provided a battery is
connected to the charge output. With no battery present, an output capacitor is recommended to reduce
ripple voltage.
In constant-current mode, the PROG pin is in the feedback loop, not the battery. The constant-current
mode stability is affected by the impedance at the PROG pin. With no additional capacitance on the
PROG pin, the charger
is stable with program resistor values as high as 100KΩ. However, additional
capacitance on this node reduces the maximum allowed program resistor thus it should be avoided.
Power Dissipation
ACE4559P has low temperature coefficient, at higher temperatures, the charging current will decrease
slightly. To -40℃~125℃ temperature range the change of the charging current is very small. Nearly all of
this power dissipation is generated by the internal MOSFET. This is calculated to be approximately:
PD = (VCC – VBAT)*IBAT
Maximum allowable power dissipation limited by the packaging format and cooling conditions in actual
applications. For TDFN1X1-6L package, PD is not allowed to exceed 0.3W. For example, the worse case
application of ACE4559P is VCC=5.5V, VBAT=3V, IBAT=0.1A, so PD=0.25W, it is safe. At charge cycle, the
battery voltage is rising gradually, so the power dissipation is reduce accordingly. The power dissipation
turn into heat, please taken into consideration when design system.
VCC Bypass Capacitor
Many types of capacitors can be used for input bypass, however, caution must be exercised when using
multilayer ceramic capacitors. Because of the self-resonant and high Q characteristics of some types of
ceramic capacitors, a 10uF/16V ceramic capacitor is recommended for this bypass capacitor. Due to a
high voltage transient will be generated under some start-up conditions, such as connecting the charger
input to a live power source.
Charge Current Soft-Start
The ACE4559P includes a soft-start circuit to minimize the inrush current at the start of a charge cycle.
When a charge cycle is initiated, the charge current ramps from zero to the full-scale current over a period
of approximately 190us. This has the effect of minimizing the transient current load on the power supply
during start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com