Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7ML-DA16-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R7ML-DA16-R
Description  Remote I/O R7 Series MECHATROLINK I/O MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7ML-DA16-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R7ML-DA16-R Datasheet HTML 1Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 2Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 3Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 4Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 5Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 6Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 7Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 8Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
MODEL: R7ML
http://www.m-system.co.jp/
R7ML SPECIFICATIONS
ES-7805 Rev.11 Page 5/40
INDICATOR LED
■ STATUS INDICATOR LED
LED
COLOR
EXPLANATION
PWR
Green
Turns on while internal power (5V) is normally supplied
RUN
Green
Turns on during normal communication
ERR
Red
Turns on with setting failure or no communication
SD
Green
Turns on while sending data
RD
Green
Turns on while receiving data
■ DISCRETE I/O STATUS INDICATOR LED
Discrete I/O module displays the status of each I/O by LED.
ON : Turns on
OFF : Turns off
0
15
Input 0 Automatic zero correction
Input 0 Zero adjustment
Input 0 Span adjustment
Input 0 Mode setting
Input 0 Reset offset
Input 0 Below range
Input 0 Within range
Input 0 Over range
Input 1 Automatic zero correction
Input 1 Zero adjustment
Input 1 Span adjustment
Input 1 Mode setting
Input 1 Reset offset
Input 1 Below range
Input 1 Within range
Input 1 Over range
■ LC2 STATUS
ITEM
DESCRIPTION
Automatic zero correction
Turns on after offset value setting is completed until Automatic zero correction bit is set to "0".
Zero adjustment
Turns on after zero adjustment is completed until Zero adjustment bit is set to "0".
Span adjustment
Turns on after span adjustment is completed until Span adjustment bit is set to "0".
Mode setting
Turns on after monitor output mode setting is completed until measuring mode is set.
Reset offset
Turns on after offset value is reset to 0 until Reset offset bit is set to "0".
Below range
Turns on while input is -1.0% or less.
Within range
Turns on while input is within the range from -1.0 to +101.0%.
Over range
Turns on while input is 101.0% or greater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com