Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7ML-DA16-R Datasheet(PDF) 14 Page - M-System Co.,Ltd.

Part # R7ML-DA16-R
Description  Remote I/O R7 Series MECHATROLINK I/O MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7ML-DA16-R Datasheet(HTML) 14 Page - M-System Co.,Ltd.

Back Button R7ML-DA16-R Datasheet HTML 10Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 11Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 12Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 13Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 14Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 15Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 16Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 17Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 18Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
MODEL: R7ML
http://www.m-system.co.jp/
R7ML SPECIFICATIONS
ES-7805 Rev.11 Page 14/40
■ ANALOG OUTPUT
4
5
6
7
1
2
3
30 (1.18)
[5 (.20)]
DIN RAIL
35mm wide
54 (2.13)
17 (.66)
115 (4.53)
75 (2.95)
3 (.12)
7–M3 SCREW
TERMINALS for POWER
6 (.24)
2
3
4
1
5
10
7
8
9
6
10–M3 SCREW
TERMINALS for OUTPUT
6 (.24)
■ EXTENSION MODULE, 8 POINTS
11.5
(.45)
7
8
6
9
10
2
3
1
4
5
65 (2.56)
30 (1.18)
[5 (.20)]
DIN RAIL
35mm wide
54 (2.13)
17 (.66)
10–M3 SCREW
TERMINALS for I/O
6 (.24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com