Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7ML-DA16-R Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # R7ML-DA16-R
Description  Remote I/O R7 Series MECHATROLINK I/O MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7ML-DA16-R Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button R7ML-DA16-R Datasheet HTML 3Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 4Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 5Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 6Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 7Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 8Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 9Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 10Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 11Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
MODEL: R7ML
http://www.m-system.co.jp/
R7ML SPECIFICATIONS
ES-7805 Rev.11 Page 7/40
■ APPLICATION LAYER COMMAND
Application Layer Command is located in lower layer of Data Link Layer Command (CDRW). Following tables are details
on bytes 5 through 31 dependent upon Application Layer Command.
Note : At 17 bytes mode, bytes dependant upon Application Layer Command are to be 5 through 17.
• NOP (00H) Command Data Format
0, which indicates invalid command, is sent to the master
Byte
COMMAND (hexadecimal) RESPONSE (hexadecimal) REMARKS
5 – 31
00H
00H
Invalid
• ID_RD (03) Command Data Format
Reads product information. (max. 8 bytes at a time) Repeat reading multiple times in order to read out all the data.
Byte COMMAND (hexadecimal) RESPONSE (hexadecimal) REMARKS
5
DEVICE_CODE
DEVICE_CODE
DEVICE_CODE : Selection of product information
00 : Product model (data length : 32 bytes)
02 : Product version (data length : 32 bytes)
0F : Vendor code (data length : 48 bytes)
6
OFFSET
OFFSET
OFFSET : Specify read position
7
SIZE
SIZE
SIZE : Specify length of read data (max. 8 bytes)
8 – 15
00H
ID
Product information data
16 – 31
00H
00H
Unused
• CONNECT (0EH) Command Data Format
Starts communication with the master
Byte
COMMAND (hexadecimal) RESPONSE (hexadecimal) REMARKS
5
VER
VER
MODE : Selection of MECHATROLINK version
10 : MECHATROLINK - I
21 : MECHATROLINK - II
6
COM_MODE
COM_MODE
COM_MODE : Selection of data length
00 : 17 bytes mode
80 : 32 bytes mode
7
COM_TIME
COM_TIME
COM_TIME : Communication cycle (milliseconds)
MECHATROLINK-I: Multiples of two (2)
MECHATROLINK-II: Integral multiples of the trans-
mission cycle
8 – 31
00H
00H
Unused
• DISCONNECT (0FH) Command Data Format
Stops communication with the master .
Byte COMMAND (hexadecimal) RESPONSE (hexadecimal) REMARKS
5 – 31
00H
00H
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com