Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7ML-DA16-R Datasheet(PDF) 10 Page - M-System Co.,Ltd.

Part # R7ML-DA16-R
Description  Remote I/O R7 Series MECHATROLINK I/O MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7ML-DA16-R Datasheet(HTML) 10 Page - M-System Co.,Ltd.

Back Button R7ML-DA16-R Datasheet HTML 6Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 7Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 8Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 9Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 10Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 11Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 12Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 13Page - M-System Co.,Ltd. R7ML-DA16-R Datasheet HTML 14Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
MODEL: R7ML
http://www.m-system.co.jp/
R7ML SPECIFICATIONS
ES-7805 Rev.11 Page 10/40
■ TEMPERATURE DATA CONVERSION
Temperature data (thermocouple and RTD) are represented in engineering unit value, °C or K, multiplied by 10 and ex-
pressed in 16 bits. °F data is represented in engineering unit value, without multiplication.
•Input Type K Thermocouple
Input Value
Converted Data, Decimal
Converted Data, Hex
≤ -272°C
-2720
F560
-150°C
-1500
FA24
1370°C
13700
3584
≥ 1472°C
14720
3980
14720 (3980)
13700 (3584)
-272 -150
-1500 (FA24)
-2720 (F560)
1370
1472
(°C)
I/O DATA DESCRIPTIONS
0
15
Input 0 (Output 0)
Input 1 (Output 1)
Input 2 (Output 2)
8 points
Input 15 (Output 15)
Input 3 (Output 3)
:
:
16 points
Input 7 (Output 7)
Input 8 (Output 8)
:
:
0 : OFF
1 : ON
■ DISCRETE I/O
0
15
16-bit binary data
Negative values represented in 2
’s complements
■ ANALOG I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com