Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF620TR Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MICRF620TR
Description  434MHz ISM Band Transceiver Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF620TR Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MICRF620TR Datasheet HTML 6Page - Micrel Semiconductor MICRF620TR Datasheet HTML 7Page - Micrel Semiconductor MICRF620TR Datasheet HTML 8Page - Micrel Semiconductor MICRF620TR Datasheet HTML 9Page - Micrel Semiconductor MICRF620TR Datasheet HTML 10Page - Micrel Semiconductor MICRF620TR Datasheet HTML 11Page - Micrel Semiconductor MICRF620TR Datasheet HTML 12Page - Micrel Semiconductor MICRF620TR Datasheet HTML 13Page - Micrel Semiconductor MICRF620TR Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Micrel, Inc.
MICRF620
December 2005
10
M9999-120205
Programming Interface Timing
Figure 4 and Table 6 show the timing specification for the 3-wire serial programming interface.
CS
SCLK
IO
A6
A5
A0
RW
D7
D6
D2
D1
D0
Address Register
Data Register
LOAD
Tscl
Twrite
Tread
Thigh
Tlow
Tper
Tcsr
traise
tfall
Figure 4. Programming Interface Timing
Values
Symbol
Parameter
Min.
Typ.
Max.
Units
Tper
Min. period of SCLK (Voltage dividers on IO lines will slow down the
write/read frequency)
50
ns
Thigh
Min. high time of SCLK
20
ns
Tlow
Min. low time of SCLK
20
ns
tfall
Max. time of falling edge of SCLK
1
µs
trise
Max. time of rising edge of SCLK
1
µs
Tcsr
Max. time of rising edge of CS to falling edge of SCLK
0
ns
Tcsf
Min. delay from rising edge of CS to rising edge of SCLK
5
ns
Twrite
Min. delay from valid IO to falling edge of SCLK during a write operation
0
ns
Tread
Min. delay from rising edge of SCLK to valid IO during a read operation
(assuming load capacitance of IO is 25pF)
75
ns
Time from power up to first rising edge of CS
(Assuming Vdd rail rise time of 100
µsec)
3.4
ms
Table 6. Timing Specification for the 3-wire Programming Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com