Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF620TR Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MICRF620TR
Description  434MHz ISM Band Transceiver Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF620TR Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MICRF620TR Datasheet HTML 10Page - Micrel Semiconductor MICRF620TR Datasheet HTML 11Page - Micrel Semiconductor MICRF620TR Datasheet HTML 12Page - Micrel Semiconductor MICRF620TR Datasheet HTML 13Page - Micrel Semiconductor MICRF620TR Datasheet HTML 14Page - Micrel Semiconductor MICRF620TR Datasheet HTML 15Page - Micrel Semiconductor MICRF620TR Datasheet HTML 16Page - Micrel Semiconductor MICRF620TR Datasheet HTML 17Page - Micrel Semiconductor MICRF620TR Datasheet HTML 18Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
Micrel, Inc.
MICRF620
December 2005
18
M9999-120205
Layout
Recommended Land Pattern
Figure 12 shows a recommended land pattern that
facilitates both automatic and hand assembling.
Figure 13. Recommended Land Pattern (TOP VIEW)
Layout Considerations
Except for the antenna input/output signal, only digital and
low frequency signals need to interface with the module.
There is therefore no need of years of RF expertise to do a
successful layout, as long as the following few points are
being followed:
•
Proper ground is needed. If the PCB is 2-layer, the
bottom layer should be kept only for ground. Avoid
signal traces that split the ground plane. For a 4-
layer PCB, it is recommended to keep the second
layer only for ground.
•
A ground via should be placed close to all the
ground pins. The bottom ground pad should be
penetrated with 4-16 ground vias.
•
The antenna has an impedance of ~50 ohm. The
antenna trace should be kept to 50 ohm to avoid
signal reflection and loss of performance. Any
transmission line calculator can be used to find the
needed trace width given a board build up. Ex: A
trace width of 44 mil (1.12 mm) gives 50
impedance on a FR4 board (dielectric cons=4.4)
with copper thickness of 35
µm and height (layer 1-
layer 2 spacing) of 0.61 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com