Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF620TR Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MICRF620TR
Description  434MHz ISM Band Transceiver Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF620TR Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MICRF620TR Datasheet HTML 10Page - Micrel Semiconductor MICRF620TR Datasheet HTML 11Page - Micrel Semiconductor MICRF620TR Datasheet HTML 12Page - Micrel Semiconductor MICRF620TR Datasheet HTML 13Page - Micrel Semiconductor MICRF620TR Datasheet HTML 14Page - Micrel Semiconductor MICRF620TR Datasheet HTML 15Page - Micrel Semiconductor MICRF620TR Datasheet HTML 16Page - Micrel Semiconductor MICRF620TR Datasheet HTML 17Page - Micrel Semiconductor MICRF620TR Datasheet HTML 18Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Micrel, Inc.
MICRF620
December 2005
16
M9999-120205
A bit synchronizer can be enabled in receive mode by
selecting the synchronous mode (Sync_en=1). The
DataClk pin will output a clock with twice the frequency of
the bit rate (a bit rate of 20 kbit/sec gives a DataClk of 20
kHz). A received symbol/bit on DataIXO will be output on
rising edge of DataClk. The micro controller should
therefore sample the symbol/bit on falling edge of DataClk.
The bit synchronizer uses a clock that needs to be
programmed according to the bit rate. The clock frequency
should be 16 times the actual bit rate (a bit rate of 20
kbit/sec needs a bit synchronizer clock with frequency of
320 kHz). The clock frequency is set by the following
formula:
lkS)
-BITSYNC_c
(7
XCO
K
BITSYNC_CL
2
Refclk_K
f
f
×
=
where
fBITSYNC_CLK: The bit synchronizer clock frequency
(16 times higher than the bit rate)
fXCO: Crystal oscillator frequency
Refclk_K: 6 bit divider, values between 1 and 63
BitSync_clkS: Bit synchronizer setting, values
between 0 and 7
Refclk_K is also used to derive the modulator clock and
the bit rate clock.
At the beginning of a received data package, the bit
synchronizer clock frequency is not synchronized to the bit
rate. When these two are maximum offset to each other, it
takes 22 bit/symbols before synchronization is achieved.
Transmitter
Power Amplifier
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000000
LNA_by
PA2
PA1
PA0
Sync_en
Mode1
Mode0
’1’
0000001
‘1’
‘0’
‘0’
‘0’
RSSI_en
LD_en
PF_FC1
PF_FC0
The maximum output power is approximately 10dBm for a
50Ω load. The output power is programmable in seven
steps, with approximately 3dB between each step. Bits
PA2 – PA0, control this. PA2 – PA0 = 1 give the maximum
output power.
The power amplifier can be turned off by setting PA2 –
PA0 = 0.
For all other combinations the PA is on and has maximum
power when PA2 – PA0 = 1.
Frequency Modulation
FSK modulation is applied by switching between two sets
of dividers (M,N,A). The formula for calculating the M, N
and A values is given in chapter Frequency synthesizer.
The divider values stored in the M0-, N0-, and A0-
registers will be used when transmitting a ‘0’ and the M1-,
N1-, and A1-registers will be used to transmit a ‘1’. The
difference
between
the
two
carrier
frequencies
corresponds to the double sided frequency deviation. The
data to be transmitted shall be applied to pin DataIXO (see
chapter Transceiver sync-/non-synchronous mode on how
to use the pin DataClk). The DataIXO pin is set as input in
transmit mode and output in receive mode.
Using the XCO-tune Bits
The module has a built-in mechanism for tuning the
frequency of the crystal oscillator and is often used in
combination with the Frequency Error Estimator (FEE).
The XCO tuning is designed to eliminate or reduce initial
frequency tolerance of the crystal and/or the frequency
stability over temperature.
A procedure for using the XCO tuning feature in
combination with the FEE is given below. The MICRF620
measures the frequency offset between the receivers LO
frequency and the frequency of the transmitter. The
receiver XCO frequency can be tuned until the receiver
and transmitter frequencies are equal.
A procedure like this can be called during production
(storing the calibrated XCO_tune value), at regular
intervals or implemented in the communication protocol
when the frequency has changed. The MICRF620
development system can test this feature.
Example: In FEE, count up+down pulses, counting 8 bits:
A perfect case ==> FEE = 0
If FEE > 0: LO is too low, increase LO by decreasing
XCO_tune value
v.v. for FEE < 0
FEE field holds a number in the range -128, … , 127.
However, it keeps counting above/below the range, which
is:
If FEE = -128 and still counting dwn-pulses:
1) =>-129 = +127
2) 126
3) 125
To avoid this situation, always make sure max count is
between limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com